Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 31Page - Texas Instruments ADS5481 Datasheet HTML 32Page - Texas Instruments ADS5481 Datasheet HTML 33Page - Texas Instruments ADS5481 Datasheet HTML 34Page - Texas Instruments ADS5481 Datasheet HTML 35Page - Texas Instruments ADS5481 Datasheet HTML 36Page - Texas Instruments ADS5481 Datasheet HTML 37Page - Texas Instruments ADS5481 Datasheet HTML 38Page - Texas Instruments ADS5481 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Power Supplies and Sleep Modes
fIN − Input Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0.1
10
1k
G067
1
100
AVDD3V
DVDD3V
AVDD5V
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
The ADS548x uses three power supplies. For the analog portion of the design, a 5-V and 3.3-V supply (AVDD5
and AVDD3) are used, while the digital portion uses a 3.3-V supply (DVDD3). The use of low-noise power
supplies with adequate decoupling is recommended. Linear supplies are preferred to switched supplies; switched
supplies generate more noise that can be coupled to the ADS548x. However, the PSRR value and plot shown in
Figure 76 were obtained without bulk supply decoupling capacitors. When bulk (0.1
µF) decoupling capacitors
are used near the supply pins, the board-level PSRR is much higher than the stated value for the ADC. The user
may be able to supply power to the device with a less-than-ideal supply and still achieve very good performance.
It is not possible to make a single recommendation for every type of supply and level of decoupling for all
systems. If the noise characteristics of the available supplies are understood, a study of the PSRR data for the
ADS548x may provide the user with enough information to select noisy supplies if the performance is still
acceptable within the frequency range of interest. The power consumption of the ADS548x does not change
substantially over clock rate or input frequency.
Figure 76. PSRR versus Supply Injected Frequency
Two separate sleep modes are offered. They are differentiated by the amount of power consumed and the time it
takes for the ADC to wakeup from sleep. The light sleep mode consumes 605mW and can be used when
wakeup of less than 600us is required. Deep sleep consumes 70mW and requires 6ms to wakeup. See the
wakeup characteristic at Figure 57. For directions on enabling these modes, see Table 4. The input clock can be
in either state when the power down modes are enabled. The device can enter power-down mode whether using
internal or external reference. However, the wakeup time from light sleep enabled to external reference mode is
dependent on the external reference voltage and is not necessarily 0.6 ms, but should be noticeably faster than
deep sleep wakeup. No specific power sequences are required.
Table 4. Power Down and Reference Modes
MODE
PDWNF PIN
PDWNS PIN
POWER CONSUMPTION
WAKEUP TIME
ADC ON - Internal reference
Low
Low
2.2 W
On
ADC ON - External reference
High
High
2.2 W
On
Light sleep
High
Low
605 mW when enabled
0.6 ms
Deep sleep
Low
High
70 mW when enabled
6 ms
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com