Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 12Page - Texas Instruments ADS5481 Datasheet HTML 13Page - Texas Instruments ADS5481 Datasheet HTML 14Page - Texas Instruments ADS5481 Datasheet HTML 15Page - Texas Instruments ADS5481 Datasheet HTML 16Page - Texas Instruments ADS5481 Datasheet HTML 17Page - Texas Instruments ADS5481 Datasheet HTML 18Page - Texas Instruments ADS5481 Datasheet HTML 19Page - Texas Instruments ADS5481 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Input Amplitude − dBFS
0
10
20
30
40
50
60
70
80
90
100
110
120
130
−100 −90
−80
−70
−60
−50
−40
−30
−20
−10
0
G022
fS = 105 MSPS
fIN = 70 MHz
AIN = 0 to −100 dBFS
256k Point FFT
SFDR (dBFS,
Dither ON)
SNR (dBc,
Dither ON)
SNR (dBFS,
Dither ON)
SFDR (dBc,
Dither OFF)
SFDR (dBFS,
Dither OFF)
SFDR (dBc,
Dither ON)
Input Amplitude − dBFS
60
65
70
75
80
85
90
95
100
−40
−36
−32
−28
−24
−20
−16
−12
−8
−4
0
G023
fS = 105 MSPS
fIN = 70 MHz
AIN = 0 to −40 dBFS
256k Point FFT
SFDR (dBc,
Dither OFF)
SFDR (dBc,
Dither ON)
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
G024
fIN1 = 29.5 MHz, –7 dBFS
fIN2 = 30.5 MHz, –7 dBFS
IMD3 = 101 dBFS
SFDR = 101 dBFS
SNR = 80.6 dBFS
Dither Enabled, CLK = 105 MSPS
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
G025
fIN1 = 69.5 MHz, –7 dBFS
fIN2 = 70.5 MHz, –7 dBFS
IMD3 = 102 dBFS
SFDR = 100 dBFS
SNR = 80.1 dBFS
Dither Enabled, CLK = 105 MSPS
ADS5481
ADS5482
ADS5483
SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
ADS5482 AC PERFORMANCE
ADS5482 SFDR
vs
vs
INPUT AMPLITUDE (70 MHz Input Signal)
INPUT AMPLITUDE (70 MHz Input Signal)
Figure 23.
Figure 24.
ADS5482 TWO-TONE INTERMODULATION DISTORTION
ADS5482 TWO-TONE INTERMODULATION DISTORTION
(FFT for 29.5 MHz and 30.5 MHz at –7 dBFS)
(FFT for 69.5 MHz and 70.5 MHz at –7 dBFS)
Figure 25.
Figure 26.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com