Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 23Page - Texas Instruments ADS5481 Datasheet HTML 24Page - Texas Instruments ADS5481 Datasheet HTML 25Page - Texas Instruments ADS5481 Datasheet HTML 26Page - Texas Instruments ADS5481 Datasheet HTML 27Page - Texas Instruments ADS5481 Datasheet HTML 28Page - Texas Instruments ADS5481 Datasheet HTML 29Page - Texas Instruments ADS5481 Datasheet HTML 30Page - Texas Instruments ADS5481 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
APPLICATIONS INFORMATION
Theory of Operation
Input Configuration
1000 W
1000 W
10 W
10 W
VCM
3 pF
3pF
AGND
S0293-02
INP
INM
AVDD5
AVDD5
ADS548x
AGND
AGND
~ 2 nH Bond Wire
~ 2 nH Bond Wire
~ 200fF
Package
~ 200fF
Package
~ 200fF
BondPad
~ 200fF
BondPad
Analog
Inputs
Bipolar
Transistor
Buffer
Bipolar
Transistor
Buffer
TrackandHold,
1
Stage
st
Pipeline
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
The ADS5481/ADS5482/ADS5483 (ADS548x) is a 16-bit, 80-135MSPS family of monolithic pipeline ADCs. The
bipolar analog core operates from 5-V and 3.3-V supplies, while the output uses a 3.3-V supply to provide
LVDS-compatible outputs. Prior to the track-and-hold, the analog input signal passes through a high-performance
bipolar buffer. The buffer presents a high and consistent impedance to the analog inputs. The buffer isolates the
board circuitry external to the ADC from the sampling glitches caused by the track-and-hold in the ADC. The
conversion process is initiated by the falling edge of the external input clock. At that instant, the differential input
signal is captured by the input track-and-hold, and the input sample is converted sequentially by a series of lower
resolution stages, with the outputs combined in a digital correction logic block. Both the rising and the falling
clock edges are used to propagate the sample through the pipeline every half clock cycle. This process results in
a data latency of 4.5 clock cycles, after which the output data are available as a 16-bit parallel word, coded in
offset binary format.
The analog input for the ADS548x consists of an analog pseudo-differential buffer followed by a bipolar transistor
T&H. The analog buffer isolates the source driving the input of the ADC from any internal switching and presents
a high impedance that is easy to drive at high input frequencies, compared to an ADC without a buffered input.
The input common-mode is set internally through a 1000-
Ω resistor connected from 3.1 V to each of the inputs.
This configuration results in a differential input impedance of 2 k
Ω at 0 Hz.
Figure 60. Analog Input Circuit
For a full-scale differential input, each of the differential lines of the input signal (pins 11 and 12) swings
symmetrically between (3.1 V + 0.75 V) and (3.1 V – 0.75 V). This range means that each input has a maximum
signal swing of 1.5 VPP for a total differential input signal swing of 3 VPP. Operation below 3 VPP is allowable, with
the characteristics of performance versus input amplitude demonstrated in Figure 6 through Figure 10. For
instance, for performance at 2 VPP rather than 3 VPP, refer to the SNR and SFDR at –3.5 dBFS (0 dBFS =
3 VPP). The maximum swing is determined by the internal reference voltage generator, eliminating the need for
any external circuitry for this purpose. The primary degradation visible if the max amplitude is kept to 2 VPP is
~3 dBc of SNR compared to using 3 VPP, while SFDR will be the same or even improved. The smaller input
signal will also likely help any components in the signal chain prior to the ADC to be more linear and provide
better distortion.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com