Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 17Page - Texas Instruments ADS5481 Datasheet HTML 18Page - Texas Instruments ADS5481 Datasheet HTML 19Page - Texas Instruments ADS5481 Datasheet HTML 20Page - Texas Instruments ADS5481 Datasheet HTML 21Page - Texas Instruments ADS5481 Datasheet HTML 22Page - Texas Instruments ADS5481 Datasheet HTML 23Page - Texas Instruments ADS5481 Datasheet HTML 24Page - Texas Instruments ADS5481 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
ADS5483 - 135 MSPS Typical Data
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
13.5
27.0
40.5
54.0
67.5
G037
SFDR = 97 dBc
SINAD = 78.9 dBFS
SNR = 78.9 dBFS
THD = 94.6 dBc
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
13.5
27.0
40.5
54.0
67.5
G038
SFDR = 97 dBc
SINAD = 78.8 dBFS
SNR = 78.9 dBFS
THD = 94.6 dBc
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
13.5
27.0
40.5
54.0
67.5
G039
SFDR = 95 dBc
SINAD = 78.3 dBFS
SNR = 78.5 dBFS
THD = 91 dBc
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
13.5
27.0
40.5
54.0
67.5
G040
SFDR = 88 dBc
SINAD = 77.7 dBFS
SNR = 78.1 dBFS
THD = 86.6 dBc
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
Plots in this section are with a clock of 135MSPS unless otherwise specified.
ADS5483 SPECTRAL PERFORMANCE
ADS5483 SPECTRAL PERFORMANCE
FFT FOR 10 MHz INPUT SIGNAL
FFT FOR 30 MHz INPUT SIGNAL
Figure 38.
Figure 39.
ADS5483 SPECTRAL PERFORMANCE
ADS5483 SPECTRAL PERFORMANCE
FFT FOR 70 MHz INPUT SIGNAL
FFT FOR 100 MHz INPUT SIGNAL
Figure 40.
Figure 41.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com