Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 21Page - Texas Instruments ADS5481 Datasheet HTML 22Page - Texas Instruments ADS5481 Datasheet HTML 23Page - Texas Instruments ADS5481 Datasheet HTML 24Page - Texas Instruments ADS5481 Datasheet HTML 25Page - Texas Instruments ADS5481 Datasheet HTML 26Page - Texas Instruments ADS5481 Datasheet HTML 27Page - Texas Instruments ADS5481 Datasheet HTML 28Page - Texas Instruments ADS5481 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DVDD3 − Supply Voltage − V
80
85
90
95
100
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G052
fS = 135 MSPS
fIN = 70 MHz
TA = 100°C
TA = −40°C
TA = 0°C
TA = 55°C
TA = 85°C
TA = −20°C
TA = 25°C
DVDD3 − Supply Voltage − V
75
76
77
78
79
80
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G053
TA = −20°C
TA = −40°C
TA = 0°C
TA = 85°C
TA = 25°C
TA = 100°C
fS = 135 MSPS
fIN = 70 MHz
TA = 55°C
t − time − ms
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
7
8
9
10
G066
PDWNF
PDWNS
fS = 135 MSPS
fIN = 10 MHz
PDWNF and PDWNS Tested Independently
PDWNx Disabled at 0 ms
PDWNx Enabled at
≈ 8 ms
fIN − Input Frequency − Hz
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
10
1k
G054
1
100
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
ADS5483 SFDR
ADS5483 SNR
vs
vs
DVDD3 OVER TEMPERATURE
DVDD3 OVER TEMPERATURE
Figure 54.
Figure 55.
CMRR
vs
COMMON-MODE INPUT FREQUENCY
ADC WAKEUP TIME
Figure 56.
Figure 57.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com