Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 13Page - Texas Instruments ADS5481 Datasheet HTML 14Page - Texas Instruments ADS5481 Datasheet HTML 15Page - Texas Instruments ADS5481 Datasheet HTML 16Page - Texas Instruments ADS5481 Datasheet HTML 17Page - Texas Instruments ADS5481 Datasheet HTML 18Page - Texas Instruments ADS5481 Datasheet HTML 19Page - Texas Instruments ADS5481 Datasheet HTML 20Page - Texas Instruments ADS5481 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Input Amplitude − dBFS
−140
−130
−120
−110
−100
−90
−80
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
G026
Dither, 2F1−F2 (dBFS)
No Dither, Dominant Spur (dBFS)
Dither, 2F2−F1 (dBFS)
Dither, Dominant Spur (dBFS)
Code
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
16384
32768
49152
65536
G027
fS = 105 MSPS
fIN = 10 MHz, –1 dBFS
Code
−4
−3
−2
−1
0
1
2
3
4
0
16384
32768
49152
65536
G028
fS = 105 MSPS
fIN = 10 MHz, –1 dBFS
AVDD5 − Supply Voltage − V
80
85
90
95
100
4.7
4.8
4.9
5.0
5.1
5.2
5.3
G029
fS = 105 MSPS
fIN = 30 MHz
TA = 55°C
TA = 100°C
TA = 85°C
TA = −20°C
TA = −40°C
TA = 0°C
TA = 10°C
TA = 25°C
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
ADS5482 TWO-TONE PERFORMANCE
vs
INPUT AMPLITUDE (f1 = 69.5 MHz and f2 =70.5 MHz)
ADS5482 DIFFERENTIAL NONLINEARITY
Figure 27.
Figure 28.
ADS5482 SFDR
vs
ADS5482 INTEGRAL NONLINEARITY
AVDD5 OVER TEMPERATURE
Figure 29.
Figure 30.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com