Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5481 Datasheet HTML 1Page - Texas Instruments ADS5481 Datasheet HTML 2Page - Texas Instruments ADS5481 Datasheet HTML 3Page - Texas Instruments ADS5481 Datasheet HTML 4Page - Texas Instruments ADS5481 Datasheet HTML 5Page - Texas Instruments ADS5481 Datasheet HTML 6Page - Texas Instruments ADS5481 Datasheet HTML 7Page - Texas Instruments ADS5481 Datasheet HTML 8Page - Texas Instruments ADS5481 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
THERMAL CHARACTERISTICS
(1)
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
Over operating free-air temperature range, unless otherwise noted.
ADS5481, ADS5482, ADS5483
UNIT
AVDD5 to GND
6
V
Supply voltage
AVDD3 to GND
5
V
DVDD3 to GND
5
V
Valid when AVDD5 is within normal operating range. When AVDD5 is
off, analog inputs should be <0.5V. If not, the protection diode between
Analog input to
the inputs and AVDD5 will become forward-biased and could be
–0.3 to (AVDD5 + 0.3)
V
GND
damaged or shorten device lifetime (see Figure 60). Short transient
conditions during power on/off are not a concern.
Valid when AVDD3 is within normal operating range. When AVDD3 is
off, clock inputs should be <0.5V. If not, the protection diode between the
Clock input to GND inputs and AVDD3 will become forward-biased and could be damaged or
–0.3 to (AVDD3 + 0.3)
V
shorten device lifetime (see Figure 67). Short transient conditions during
power on/off are not a concern.
CLKP to CLKM
±2.5
V
Digital data output to GND
–0.3 to (DVDD3 + 0.3)
V
Digital data output plus-to-minus
±1
V
Operating temperature range
–40 to +85
°C
Maximum junction temperature
+150
°C
Storage temperature range
–65 to +150
°C
ESD, human-body model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied. Kirkendall voidings and current density information for calculation of expected lifetime are available upon
request.
PARAMETER
TEST CONDITIONS
TYP
UNIT
Soldered thermal pad, no airflow
20
RθJA
Soldered thermal pad, 150-LFM airflow
16
°C/W
RθJC
thermal resistance from the junction to the package case (top)
7
RθJP
thermal resistance from the junction to the thermal pad (bottom)
0.2
(1)
Using 49 thermal vias ( 7 × 7 array). See PowerPAD Package in the Application Information section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com