Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 14Page - Texas Instruments ADS5481 Datasheet HTML 15Page - Texas Instruments ADS5481 Datasheet HTML 16Page - Texas Instruments ADS5481 Datasheet HTML 17Page - Texas Instruments ADS5481 Datasheet HTML 18Page - Texas Instruments ADS5481 Datasheet HTML 19Page - Texas Instruments ADS5481 Datasheet HTML 20Page - Texas Instruments ADS5481 Datasheet HTML 21Page - Texas Instruments ADS5481 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
AVDD5 − Supply Voltage − V
75
76
77
78
79
80
81
82
4.7
4.8
4.9
5.0
5.1
5.2
5.3
G030
TA = 85°C
TA = 100°C
TA = −20°C
TA = 0°C
TA = −40°C
fS = 105 MSPS
fIN = 30 MHz
TA = 55°C
TA = 10°C
TA = 25°C
AVDD3 − Supply Voltage − V
80
85
90
95
100
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G031
fS = 105 MSPS
fIN = 30 MHz
TA = −20°C
TA = 0°C
TA = 85°C
TA = −40°C
TA = 10°C
TA = 25°C
TA = 100°C
TA = 55°C
AVDD3 − Supply Voltage − V
75
76
77
78
79
80
81
82
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G032
TA = 55°C
TA = 85°C
TA = 25°C
TA = 100°C
TA = 10°C
TA = −20°C
TA = 0°C
TA = −40°C
fS = 105 MSPS
fIN = 30 MHz
DVDD3 − Supply Voltage − V
80
85
90
95
100
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G033
fS = 105 MSPS
fIN = 30 MHz
TA = −20°C
TA = 0°C
TA = 85°C
TA = −40°C
TA = 10°C
TA = 25°C
TA = 100°C
TA = 55°C
ADS5481
ADS5482
ADS5483
SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
ADS5482 SNR
ADS5482 SFDR
vs
vs
AVDD5 OVER TEMPERATURE
AVDD3 OVER TEMPERATURE
Figure 31.
Figure 32.
ADS5482 SNR
ADS5482 SFDR
vs
vs
AVDD3 OVER TEMPERATURE
DVDD3 OVER TEMPERATURE
Figure 33.
Figure 34.
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com