Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 20Page - Texas Instruments ADS5481 Datasheet HTML 21Page - Texas Instruments ADS5481 Datasheet HTML 22Page - Texas Instruments ADS5481 Datasheet HTML 23Page - Texas Instruments ADS5481 Datasheet HTML 24Page - Texas Instruments ADS5481 Datasheet HTML 25Page - Texas Instruments ADS5481 Datasheet HTML 26Page - Texas Instruments ADS5481 Datasheet HTML 27Page - Texas Instruments ADS5481 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
AVDD5 − Supply Voltage − V
80
85
90
95
100
4.7
4.8
4.9
5.0
5.1
5.2
5.3
G048
fS = 135 MSPS
fIN = 70 MHz
TA = −20°C
TA = 25°C
TA = 100°C
TA = −40°C
TA = 0°C
TA = 55°C
TA = 85°C
AVDD5 − Supply Voltage − V
75
76
77
78
79
80
4.7
4.8
4.9
5.0
5.1
5.2
5.3
G049
fS = 135 MSPS
fIN = 70 MHz
TA = −20°C
TA = −40°C
TA = 0°C
TA = 55°C
TA = 85°C
TA = 25°C
TA = 100°C
AVDD3 − Supply Voltage − V
80
85
90
95
100
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G050
fS = 135 MSPS
fIN = 70 MHz
TA = 100°C
TA = −40°C
TA = 0°C
TA = 55°C
TA = 85°C
TA = −20°C
TA = 25°C
AVDD3 − Supply Voltage − V
75
76
77
78
79
80
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
G051
TA = −20°C
TA = −40°C
TA = 0°C
TA = 55°C
TA = 85°C
TA = 25°C
TA = 100°C
fS = 135 MSPS
fIN = 70 MHz
ADS5481
ADS5482
ADS5483
SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
ADS5483 SFDR
ADS5483 SNR
vs
vs
AVDD5 OVER TEMPERATURE
AVDD5 OVER TEMPERATURE
Figure 50.
Figure 51.
ADS5483 SFDR
ADS5483 SNR
vs
vs
AVDD3 OVER TEMPERATURE
AVDD3 OVER TEMPERATURE
Figure 52.
Figure 53.
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com