Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 24Page - Texas Instruments ADS5481 Datasheet HTML 25Page - Texas Instruments ADS5481 Datasheet HTML 26Page - Texas Instruments ADS5481 Datasheet HTML 27Page - Texas Instruments ADS5481 Datasheet HTML 28Page - Texas Instruments ADS5481 Datasheet HTML 29Page - Texas Instruments ADS5481 Datasheet HTML 30Page - Texas Instruments ADS5481 Datasheet HTML 31Page - Texas Instruments ADS5481 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
R
50
0
W
Z
50
0
W
ADS548x
INP
INM
S0176-04
R
200 W
ACSignal
Source
n=2:1
Dither
External Voltage Reference
ADS5481
ADS5482
ADS5483
SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
The ADS548x performs optimally when the analog inputs are driven differentially. The circuit in Figure 61 shows
one possible configuration using an RF transformer with termination either on the primary or on the secondary of
the transformer. If voltage gain is required, a step-up transformer can be used.
Figure 61. Converting a Single-Ended Input to a Differential Signal Using an RF Transformer
The ADS548x family of devices contain a dither option that is enabled via the DITHEREN pin. Dither is a
technique applied to convert small static errors in the converter to dynamic errors, which will look similar to white
noise in the output. In virtually all cases tested, the harmonic performance is equal or better when dither is
enabled versus disabled. It improves the harmonics that are a function of the static errors. The dither is very low
level and will only be indicated in the output waveform as wideband noise that may slightly degrade the SNR
(<0.5dB). It is recommended that it be enabled, but users should allow the capability to disable it in the event
they suspect it may be degrading their specific application, or to compare the results during their evaluation.
Figure 6 through Figure 10 show the minor differences of dither ON/OFF when carefully studied.
For systems that require the analog signal gain to be adjusted or calibrated, this can be performed by using an
external reference. The dependency on the signal amplitude to the value of the external reference voltage is
characterized typically by Figure 62 (VREF = 1.2 V is normalized to 0 dB as this is the internal reference
voltage). As can be seen in the linear fit, this equates to approximately ~1 dB of signal adjustment per 100 mV of
reference adjustment. The range of allowable variation depends on the analog input amplitude that is applied to
the inputs and the desired spectral performance, as can be seen in the performance versus external reference
graphs in Figure 63 and Figure 64.
For dc-coupled applications that use the VCM pin of the ADS548x as the common mode of the signal in the
analog signal gain path prior to the ADC inputs, Figure 66 indicates very little change in VCM output as VREF is
externally adjusted. The VCM output is buffered with a 2k
Ω series output resistor.
The method for disabling the internal reference for use with an external reference is described in Table 4 .
28
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com