Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 6Page - Texas Instruments ADS5481 Datasheet HTML 7Page - Texas Instruments ADS5481 Datasheet HTML 8Page - Texas Instruments ADS5481 Datasheet HTML 9Page - Texas Instruments ADS5481 Datasheet HTML 10Page - Texas Instruments ADS5481 Datasheet HTML 11Page - Texas Instruments ADS5481 Datasheet HTML 12Page - Texas Instruments ADS5481 Datasheet HTML 13Page - Texas Instruments ADS5481 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TYPICAL CHARACTERISTICS
ADS5481 - 80 MSPS Typical Data
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
G001
SFDR = 99 dBc
SINAD = 81 dBFS
SNR = 81.1 dBFS
THD = 96.5 dBc
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
G002
SFDR = 99 dBc
SINAD = 80.8 dBFS
SNR = 80.9 dBFS
THD = 94.2 dBc
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
G003
SFDR = 102 dBc
SINAD = 80.3 dBFS
SNR = 80.4 dBFS
THD = 97.7 dBc
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
G004
SFDR = 94 dBc
SINAD = 79.6 dBFS
SNR = 79.8 dBFS
THD = 92.6 dBc
ADS5481
ADS5482
ADS5483
SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
At TA = +25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
Plots in this section are with a clock of 80MSPS unless otherwise specified.
ADS5481 SPECTRAL PERFORMANCE
ADS5481 SPECTRAL PERFORMANCE
vs
vs
FFT for 10 MHz INPUT SIGNAL
FFT for 30 MHz INPUT SIGNAL
Figure 2.
Figure 3.
ADS5481 SPECTRAL PERFORMANCE
ADS5481 SPECTRAL PERFORMANCE
vs
vs
FFT for 60 MHz INPUT SIGNAL
FFT for 100 MHz INPUT SIGNAL
Figure 4.
Figure 5.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com