Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 7Page - Texas Instruments ADS5481 Datasheet HTML 8Page - Texas Instruments ADS5481 Datasheet HTML 9Page - Texas Instruments ADS5481 Datasheet HTML 10Page - Texas Instruments ADS5481 Datasheet HTML 11Page - Texas Instruments ADS5481 Datasheet HTML 12Page - Texas Instruments ADS5481 Datasheet HTML 13Page - Texas Instruments ADS5481 Datasheet HTML 14Page - Texas Instruments ADS5481 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Input Amplitude − dBFS
0
10
20
30
40
50
60
70
80
90
100
110
120
130
−100 −90
−80
−70
−60
−50
−40
−30
−20
−10
0
G009
fS = 80 MSPS
fIN = 70 MHz
AIN = 0 to −100 dBFS
256k Point FFT
SFDR (dBFS,
Dither ON)
SNR (dBc,
Dither ON)
SNR (dBFS,
Dither ON)
SFDR (dBc,
Dither OFF)
SFDR (dBFS,
Dither OFF)
SFDR (dBc,
Dither ON)
Input Amplitude − dBFS
60
65
70
75
80
85
90
95
100
−40
−36
−32
−28
−24
−20
−16
−12
−8
−4
0
G010
fS = 80 MSPS
fIN = 70 MHz
AIN = 0 to −40 dBFS
256k Point FFT
SFDR (dBc,
Dither OFF)
SFDR (dBc,
Dither ON)
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
G011
fIN1 = 29.5 MHz, –7 dBFS
fIN2 = 30.5 MHz, –7 dBFS
IMD3 = 101 dBFS
SFDR = 101 dBFS
SNR = 80.9 dBFS
Dither Enabled, CLK = 80 MSPS
f − Frequency − MHz
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
G012
fIN1 = 69.5 MHz, –7 dBFS
fIN2 = 70.5 MHz, –7 dBFS
IMD3 = 95 dBFS
SFDR = 95 dBFS
SNR = 80.5 dBFS
Dither Enabled, CLK = 80 MSPS
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
ADS5481 AC PERFORMANCE
ADS5481 SFDR
vs
vs
INPUT AMPLITUDE (70 MHz Input Signal)
INPUT AMPLITUDE (70 MHz Input Signal)
Figure 6.
Figure 7.
ADS5481 TWO-TONE INTERMODULATION DISTORTION
ADS5481 TWO-TONE INTERMODULATION DISTORTION
(FFT for 29.5 MHz and 30.5 MHz at –7 dBFS)
(FFT for 69.5 MHz and 70.5 MHz at –7 dBFS)
Figure 8.
Figure 9.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS5481 ADS5482 ADS5483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com