Electronic Components Datasheet Search
  English  ▼

X  

ISP1505CBS Datasheet(PDF) 49 Page - NXP Semiconductors

Part # ISP1505CBS
Description  ULPI Hi-Speed USB host and peripheral transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1505CBS Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button ISP1505CBS Datasheet HTML 45Page - NXP Semiconductors ISP1505CBS Datasheet HTML 46Page - NXP Semiconductors ISP1505CBS Datasheet HTML 47Page - NXP Semiconductors ISP1505CBS Datasheet HTML 48Page - NXP Semiconductors ISP1505CBS Datasheet HTML 49Page - NXP Semiconductors ISP1505CBS Datasheet HTML 50Page - NXP Semiconductors ISP1505CBS Datasheet HTML 51Page - NXP Semiconductors ISP1505CBS Datasheet HTML 52Page - NXP Semiconductors ISP1505CBS Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
ISP1505A_ISP1505C_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 26 August 2008
48 of 75
NXP Semiconductors
ISP1505A; ISP1505C
ULPI HS USB host and peripheral transceiver
10.1.6 USB Interrupt Enable Falling Edge register
The bits in this register enable interrupts and RXCMDs to be sent when the corresponding
bits in the USB Interrupt Status register change from logic 1 to logic 0. By default, all
transitions are enabled. See Table 31.
10.1.7 USB Interrupt Status register
This register (see Table 33) indicates the current value of the interrupt source signal.
Table 30.
USB Interrupt Enable Rising Edge register (address R = 0Dh to 0Fh, W = 0Dh, S = 0Eh, C = 0Fh) bit
description
Bit
Symbol
Description
7 to 4
-
reserved
3
SESS_END_R
Session End Rise: Enables interrupts and RXCMDs for logic 0 to logic 1 transitions on
SESS_END.
2
SESS_VALID_R
Session Valid Rise: Enables interrupts and RXCMDs for logic 0 to logic 1 transitions on
SESS_VLD.
1
VBUS_VALID_R
VBUS Valid Rise: Enables interrupts and RXCMDs for logic 0 to logic 1 transitions on
A_VBUS_VLD.
0
HOST_DISCON_R
Host Disconnect Rise: Enables interrupts and RXCMDs for logic 0 to logic 1 transitions on
HOST_DISCON.
Table 31.
USB Interrupt Enable Falling Edge register (address R = 10h to 12h, W = 10h, S = 11h, C = 12h) bit
allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
SESS_
END_F
SESS_
VALID_F
VBUS_
VALID_F
HOST_
DISCON_F
Reset
00011111
Access
R/W/S/C
R/W/S/C
R/W/S/C
R/W/S/C
R/W/S/C
R/W/S/C
R/W/S/C
R/W/S/C
Table 32.
USB Interrupt Enable Falling Edge register (address R = 10h to 12h, W = 10h, S = 11h, C = 12h) bit
description
Bit
Symbol
Description
7 to 4
-
reserved
3
SESS_END_F
Session End Fall: Enables interrupts and RXCMDs for logic 1 to logic 0 transitions on
SESS_END.
2
SESS_VALID_F
Session Valid Fall: Enables interrupts and RXCMDs for logic 1 to logic 0 transitions on
SESS_VLD.
1
VBUS_VALID_F
VBUS Valid Fall: Enables interrupts and RXCMDs for logic 1 to logic 0 transitions on
A_VBUS_VLD.
0
HOST_DISCON_F Host Disconnect Fall: Enables interrupts and RXCMDs for logic 1 to logic 0 transitions on
HOST_DISCON.
Table 33.
USB Interrupt Status register (address R = 13h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
SESS_
END
SESS_
VALID
VBUS_
VALID
HOST_
DISCON
Reset
X
X
X
00000
Access
RRRRRRRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com