Electronic Components Datasheet Search
  English  ▼

X  

ISP1505CBS Datasheet(PDF) 62 Page - NXP Semiconductors

Part # ISP1505CBS
Description  ULPI Hi-Speed USB host and peripheral transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1505CBS Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button ISP1505CBS Datasheet HTML 58Page - NXP Semiconductors ISP1505CBS Datasheet HTML 59Page - NXP Semiconductors ISP1505CBS Datasheet HTML 60Page - NXP Semiconductors ISP1505CBS Datasheet HTML 61Page - NXP Semiconductors ISP1505CBS Datasheet HTML 62Page - NXP Semiconductors ISP1505CBS Datasheet HTML 63Page - NXP Semiconductors ISP1505CBS Datasheet HTML 64Page - NXP Semiconductors ISP1505CBS Datasheet HTML 65Page - NXP Semiconductors ISP1505CBS Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
ISP1505A_ISP1505C_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 26 August 2008
61 of 75
NXP Semiconductors
ISP1505A; ISP1505C
ULPI HS USB host and peripheral transceiver
15.1 ULPI timing
ULPI interface timing requirements are given in Figure 25. This timing applies to
synchronous mode only. All timing is measured with respect to the ISP1505 CLOCK pin.
All signals are clocked on the rising edge of CLOCK.
Fig 21. Rise time and fall time
Fig 22. Timing of TX_DAT and TX_SE0 to DP and DM
Fig 23. Timing of TX_ENABLE to DP and DM
Fig 24. Timing of DP and DM to RX_RCV, RX_DP and
RX_DM
004aaa861
VOL
tHSR, tFR, tLR
tHSF, tFF, tLF
VOH
90 %
10 %
10 %
90 %
004aaa573
VOL
VOH
tPHL(drv)
tPLH(drv)
VCRS
VCRS
0.9 V
0.9 V
1.8 V
0 V
logic input
differential
data lines
004aaa574
VOL
VOH
tPZH
tPZL
tPHZ
tPLZ
VOH − 0.3 V
VOL + 0.3 V
VCRS
0.9 V
0.9 V
1.8 V
0 V
logic
input
differential
data lines
tPLH(se)
tPHL(se)
004aaa575
VOL
VOH
tPHL(rcv)
tPLH(rcv)
VCRS
VCRS
0.9 V
0.9 V
2.0 V
0.8 V
logic output
differential
data lines
Fig 25. ULPI interface timing
CLOCK
CONTROL IN
(STP)
DATA IN
(8-BIT)
tsu(STP) th(STP)
tsu(DATA) th(DATA)
CONTROL OUT
(DIR, NXT)
DATA OUT
(8-BIT)
004aaa722
td(DIR),
td(NXT)
td(DATA)
td(DIR),
td(NXT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com