Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 102 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 102 Page - Altera Corporation

Back Button HC240 Datasheet HTML 98Page - Altera Corporation HC240 Datasheet HTML 99Page - Altera Corporation HC240 Datasheet HTML 100Page - Altera Corporation HC240 Datasheet HTML 101Page - Altera Corporation HC240 Datasheet HTML 102Page - Altera Corporation HC240 Datasheet HTML 103Page - Altera Corporation HC240 Datasheet HTML 104Page - Altera Corporation HC240 Datasheet HTML 105Page - Altera Corporation HC240 Datasheet HTML 106Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 228 page
background image
5–10
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
The report example in Figure 5–4 shows the resource comparisons for a
design compiled for a Stratix II EP2S130F1020 device. Based on the
report, the HC230F1020 device in the 1,020-pin FineLine BGA® package
is an appropriate HardCopy II device to migrate to. If the HC230F1020
device is not specified as a migration target during the compilation, its
package and migration compatibility is rated orange, or Medium. The
migration compatibilities of the other HardCopy II devices are rated red,
or None, because the package types are incompatible with the Stratix II
device. The 1,020-pin FBGA HC240 device is rated red because it is only
compatible with the Stratix II EP2S180F1020 device.
Figure 5–5 shows the report after the (unchanged) design was recompiled
with the HardCopy II HC230F1020 device specified as a migration target.
Now the HC230F1020 device package and migration compatibility is
rated green, or High.
Figure 5–5. HardCopy II Device Resource Guide with Target Migration Enabled
HardCopy II
Companion
Device Selection
In the Quartus II software, you can select a HardCopy II companion
device to help structure your design for migration from a Stratix II device
to a HardCopy II device. To make your HardCopy II companion device
selection, on the Assignments menu, click Settings. In the Settings dialog
box in the Category list, select Device (Figure 5–6) and select your
companion device from the Available devices list.
Selecting a HardCopy II Companion device to go with your Stratix II
prototype constrains the memory blocks, DSP blocks, and pin
assignments, so that your Stratix II and HardCopy II devices are
migration-compatible. Pin assignments are constrained in the Stratix II
design revision so that the HardCopy II device selected is pin-compatible.
The Quartus II software also constrains the Stratix II design revision so it
does not use M512 memory blocks or exceed the number of M-RAM
blocks in the HardCopy II companion device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com