Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 104 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 104 Page - Altera Corporation

Back Button HC240 Datasheet HTML 100Page - Altera Corporation HC240 Datasheet HTML 101Page - Altera Corporation HC240 Datasheet HTML 102Page - Altera Corporation HC240 Datasheet HTML 103Page - Altera Corporation HC240 Datasheet HTML 104Page - Altera Corporation HC240 Datasheet HTML 105Page - Altera Corporation HC240 Datasheet HTML 106Page - Altera Corporation HC240 Datasheet HTML 107Page - Altera Corporation HC240 Datasheet HTML 108Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 228 page
background image
5–12
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
HardCopy II
Recommended
Settings in the
Quartus II
Software
The HardCopy II development flow involves additional planning and
preparation in the Quartus II software compared to a standard FPGA
design. This is because you are developing your design to be
implemented in two devices: a prototype of your design in a Stratix II
prototype FPGA, and a companion revision in a HardCopy II device for
production. You need additional settings and constraints to make the
Stratix II design compatible with the HardCopy II device and, in some
cases, you must remove certain settings in the design. This section
explains the additional settings and constraints necessary for your design
to be successful in both Stratix II FPGA and HardCopy II structured ASIC
devices.
Limit DSP and RAM to HardCopy II Device Resources
On the Assignments menu, click Settings to view the Settings dialog box.
In the Category list, select Device. In the Family list, select Stratix II.
Under Companion device, Limit DSP and RAM to HardCopy II device
resources
is turned on by default (Figure 5–7). This maintains
compatibility between the Stratix II and HardCopy II devices by ensuring
your design does not use resources in the Stratix II device that are not
available in the selected HardCopy II device.
1
If you require additional memory blocks or DSP blocks for
debugging purposes using SignalTap® II, you can temporarily
turn this setting off to compile and verify your design in your
test environment. However, your final Stratix II and
HardCopy II designs submitted to Altera for back-end
migration must be compiled with this setting turned on.
Figure 5–7. Limit DSP and RAM to HardCopy II Device Resources Check Box
Enable Design Assistant to Run During Compile
You must use the Quartus II Design Assistant to check all HardCopy
series designs for design rule violations before submitting the designs to
the Altera HardCopy Design Center. Additionally, you must fix all critical
and high-level errors.
1
Altera recommends turning on the Design Assistant to run
automatically during each compile, so that during development,
you can see the violations you must fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com