| Electronic Components Datasheet Search |
|
HC240 Datasheet(PDF) 109 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC240 Datasheet(HTML) 109 Page - Altera Corporation |
|
109 / 228 page ![]() Altera Corporation 5–17 September 2008 HardCopy II Recommended Settings in the Quartus II Software Altera strongly recommends that you use the derive_clock_uncertainty command in the HardCopy II revision. The HardCopy Design Center will not be accepting designs that do not have clock uncertainty constraint by either using the derive_clock_uncertainty command or the HardCopy II Clock Uncertainty Calculator, and then using the set_clock_uncertainty command. For more information on how to use the HardCopy II Clock Uncertainty Calculator, refer to the HardCopy II Clock Uncertainty User Guide available on the Altera website at www.altera.com. Quartus II Software Features Supported for HardCopy II Designs The Quartus II software supports optimization features for HardCopy II prototype development, including: ■ Physical Synthesis Optimization ■ LogicLock Regions ■ PowerPlay Power Analyzer ■ Incremental Compilation (Synthesis and Fitter) ■ Maximum Fan-Out Assignments Physical Synthesis Optimization To enable Physical Synthesis Optimizations for the Stratix II FPGA revision of the design, on the Assignments menu, click Settings. In the Settings dialog box, in the Category list, select Fitter Settings. These optimizations are migrated into the HardCopy II companion revision for placement and timing closure. When designing with a HardCopy II device first, physical synthesis optimizations can be enabled for the HardCopy II device, and these post-fit optimizations are migrated to the Stratix II FPGA revision. LogicLock™ Regions The use of LogicLock Regions in the Stratix II FPGA is supported for designs migrating to HardCopy II. However, LogicLock Regions are not passed into the HardCopy II Companion Revision. You can use LogicLock in the HardCopy II design but you must create new LogicLock Regions in the HardCopy II companion revision. In addition, LogicLock Regions in HardCopy II devices can not have their properties set to Auto Size. However, Floating LogicLock regions are supported. HardCopy II LogicLock Regions must be manually sized and placed in the floorplan. When LogicLock Regions are created in a HardCopy II device, they start with width and height dimensions set to (1,1), and the origin coordinates for placement are at X1_Y1 in the lower left corner of |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |