Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 112 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 112 Page - Altera Corporation

Back Button HC240 Datasheet HTML 108Page - Altera Corporation HC240 Datasheet HTML 109Page - Altera Corporation HC240 Datasheet HTML 110Page - Altera Corporation HC240 Datasheet HTML 111Page - Altera Corporation HC240 Datasheet HTML 112Page - Altera Corporation HC240 Datasheet HTML 113Page - Altera Corporation HC240 Datasheet HTML 114Page - Altera Corporation HC240 Datasheet HTML 115Page - Altera Corporation HC240 Datasheet HTML 116Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 228 page
background image
5–20
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
With the Altera® Chip Planner tool, you can shorten the design cycle time
significantly. When changes are made to your design as ECOs, you do not
have to perform a full compilation in the Quartus II software. Instead,
you would make changes directly to the post place-and-route netlist,
generate a new programming file, test the revised design by performing
a gate-level simulation and timing analysis, and proceed to verify the fix
on the system (if you are using a Stratix II FPGA as a prototype). Once the
fix has been verified on the Stratix II FPGA, switch to the HardCopy II
revision, apply the same ECOs, run the timing analyzer and assembler,
perform a revision compare and then run the HardCopy II Netlist Writer
for design submission.
There are three scenarios from a migration point of view:
■
There are changes which can map one-to-one (that is, the same
change can be implemented on each architecture—Stratix II FPGA
and HardCopy II).
■
There are changes that must be implemented differently on the two
architectures to achieve the same result.
■
There are some changes that cannot be implemented on both
architectures.
The following sections outline the methods for migrating each of these
types of changes.
Migrating One-to-One Changes
One-to-one changes are implemented using identical commands in both
architectures. In general, such changes include those that affect only I/O
cells or PLL cells. Some examples of one-to-one changes are changes such
as creating, deleting or moving pins, changing pin or PLL properties, or
changing pin connectivity (provided the source and destination of the
connectivity changes are I/Os or PLLs). These can be implemented
identically on both architectures.
If such changes are exported to Tcl, a direct reapplication of the generated
Tcl script (with a minor text edit) on the companion revision should
implement the appropriate changes as follows:
■
Export the changes from the Change Manager to Tcl.
■
Open the generated Tcl script, change the line "project_open
<project> -revision <revision>" to refer to the appropriate companion
revision.
■
Apply the Tcl script to the companion revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com