Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 167 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 167 Page - Altera Corporation

Back Button HC240 Datasheet HTML 163Page - Altera Corporation HC240 Datasheet HTML 164Page - Altera Corporation HC240 Datasheet HTML 165Page - Altera Corporation HC240 Datasheet HTML 166Page - Altera Corporation HC240 Datasheet HTML 167Page - Altera Corporation HC240 Datasheet HTML 168Page - Altera Corporation HC240 Datasheet HTML 169Page - Altera Corporation HC240 Datasheet HTML 170Page - Altera Corporation HC240 Datasheet HTML 171Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 228 page
background image
Altera Corporation
7–3
September 2008
Introduction
programmable ALMs in Stratix II devices to fine-grain HCell macros in
HardCopy II devices. All ALM functions are re-mapped to HCells in
HardCopy II devices. Using fine-grain HCells eliminates the need for the
programmable routing multiplexers (MUXs) found inside the Stratix II
ALM blocks. This reduces the number of levels of logic required to
implement ALM functions from the Stratix II device. Consequently, the
transport, or propagation, delays associated in the Stratix II FPGA with
ALMs in register-to-register paths are smaller in the HardCopy II device.
The HardCopy II device does not require configuration SRAM, so die size
is significantly smaller than for Stratix II counterpart devices. One effect
of reduced die size is that overall routing length is shorter. In addition,
HardCopy II devices use customization of metal layers 5 and 6 to
implement user-logic connections. The fact that no configuration SRAM
is required eliminates the need for SRAM-configurable routing switches
and programmable connection points, all of which adversely affect
timing. Therefore, overall, parasitic capacitance and resistance and
crosstalk levels are often lower in the HardCopy II device, leading to
faster connections than those found in the Stratix II FPGA.
Faster logic element implementation and faster routing in HardCopy II
devices generally result in faster register-to-register paths and higher
overall clock frequencies. Software place-and-route tools have a
significant impact on timing results, however, so there are cases where
Stratix II register-to-register paths are faster than the corresponding paths
in the HardCopy II device.
The internal timing performance of digital signal processing (DSP)
functions is similar in a Stratix II FPGA and its corresponding
HardCopy II device. In Stratix II FPGAs, DSP functions are usually
implemented in the embedded DSP blocks. These DSP blocks provide
optimal area and performance for DSP functions. In HardCopy II devices,
the same DSP functions are implemented in HCell DSP macros, which are
designed to match the functionality and timing of the DSP blocks in
Stratix II devices. However, the timing performance of paths between the
DSP functions and other core logic is generally faster in the HardCopy II
device than in the Stratix II FPGA.
RAM-block access time is similar in a Stratix II FPGA and its
corresponding HardCopy II device. However, as for DSP functions, the
timing performance of paths between the RAM blocks and other core
logic is generally faster in the HardCopy II device than in the Stratix II
FPGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com