Electronic Components Datasheet Search
  English  ▼

X  

HC240 Datasheet(PDF) 170 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 170 Page - Altera Corporation

Back Button HC240 Datasheet HTML 166Page - Altera Corporation HC240 Datasheet HTML 167Page - Altera Corporation HC240 Datasheet HTML 168Page - Altera Corporation HC240 Datasheet HTML 169Page - Altera Corporation HC240 Datasheet HTML 170Page - Altera Corporation HC240 Datasheet HTML 171Page - Altera Corporation HC240 Datasheet HTML 172Page - Altera Corporation HC240 Datasheet HTML 173Page - Altera Corporation HC240 Datasheet HTML 174Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 228 page
background image
7–6
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
Altera recommends you use the TimeQuest timing analyzer. You can
specify that the TimeQuest timing analyzer be used by the Quartus II
software rather than the default Classic Timing Analyzer.
The TimeQuest timing analyzer validates the timing performance of all
logic in your design using an industry-standard constraint, analysis, and
reporting methodology. It provides powerful timing analysis features
that enable thorough timing analysis of high-performance designs. The
benefits of using TimeQuest for timing analysis include these features:
■
Native SDC support
—You can leverage this powerful
industry-standard timing constraint format to achieve a higher
degree of productivity by using and reusing SDC- and Tcl-based
scripts.
■
Fast on-demand and interactive data reporting
—This feature saves
time by allowing you to request more detailed timing analysis on
critical paths only. A powerful GUI reports the timing analysis data
in an intuitive graphical format that complements the fast,
on-demand data reporting, further enhancing productivity.
Classic Timing Analyzer supports HardCopy II timing analysis.
However, TimeQuest provides more powerful timing analysis features.
Some Classic Timing Analyzer timing constraints may not be translated
from the Quartus Setting file to SDC format constraints when the design
is transferred to the HCDC, because translating these constraints is
difficult and error-prone and often requires detailed analysis of the
particular context in which the constraint is used.
The timing closure methodology used in the Quartus II software for a
HardCopy II design is shown in Figure 7–1. This diagram shows the
FPGA-first static timing analysis flow for either the TimeQuest timing
analyzer or the Classic Timing Analyzer. For the HardCopy II first flow,
the methodology is the same except that the HardCopy II compilation is
performed before the Stratix II compilation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com