Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 9 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 9 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 5Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 6Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 7Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 8Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 9Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 10Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 11Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 12Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 13Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
ADDRESS
NAME
BIT
CONTENTS
TV_PATTERN[2:0]
4:2
000: Normal image output.
001: Color bar output.
010: Triangle pattern
100: User defined color output.
110: User defined AC pattern output.
111: User defined grid pattern output.
Others: Reserved
Reserved
7:5
TV_SETUP[6:0]
6:0
TV setup level for NTSC/PAL. (Unit: 2 level when 9 bits D/A)
Note:
NTSC
48h level.
PAL
3ch level.
1C
(1062h)
Reserved
7
TV_SYNC[6:0]
6:0
TV SYNC level for NTSC/PAL.
(Unit: 2 level when 9 bits D/A)
Note:
NTSC
3dh level.
PAL
3ch level.
Reserved
7
TV_Y_GAIN[6:0]
6:0
TV Y gain. (Gain = 0.5 + TV_Y_GAIN/128)
Note:
TV_Y_GAIN
4ch
Reserved
7
TV_UV_GAIN[6:0]
6:0
TV UV gain. (Gain = 1 + TV_UV_GAIN/128)
Reserved
7
20
(1068h)
TV_H_START[7:0]
7:0
TV_H_START[10:8]
2:0
Reserved
7:3
22
(106Ah)
TV_V_START[7:0]
7:0
Vertical active start line of each field. (Unit: 1 Line)
Note:
NTSC
012h.
PAL
017h.
TV_V_START[8]
0
Reserved
7:1
24
(106Ch)
TV_H_STOP[7:0]
7:0
TV_H_STOP[10:8]
2:0
Reserved
7:3
Horizontal active stop pixel of each line. (Unit: 1 Tsys_clk)
Note:
NTSC
6d4h.
PAL
6ebh.
25
(106Dh)
23
(106Bh)
Horizontal active start pixel of each line. (Unit: 1 Tsys_clk)
Note:
NTSC
0f7h.
PAL
0ffh.
21
(1069h)
1F
(1065h)
1E
(1064h)
1D
(1063h)
1B
(1061h)
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com