Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 12 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 12 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 8Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 9Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 10Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 11Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 12Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 13Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 14Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 15Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 16Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
42
Reserved
7:0
AE_HB[5:0]
5:0
High band threshold for AE R, G, B histogram.
(Unit: 4 level for 8 bits Y image data)
43
(10A4h)
Reserved
7:6
44
(00ECh)
LOCK_R_GAIN
7:0
R Gain when Push Lock
45
(00EDh)
LOCK_G_GAIN
7:0
G Gain when Push Lock
46
(00EEh)
LOCK_B_GAIN
7:0
B Gain when Push Lock
HLS_THD[6:0]
6:0
High Luminance Suppress Threshold is a 2 level value.
Threshold = 256 + HLS_THD[6:0] * 2.
If Y ≧Threshold, Y will be suppressed to Eclipse level.
47
( 1125h)
Reserved
7
48
(1126h)
ECLP_LVL[7:0]
7:0
Eclipse level = ECLP_LVL * 2
Reserved
0
AP_CTRL_EN
1
1: Enable Horizontal and Vertical aperture control.
APKNEE_EN
2
1: Enable Aperture KNEE.
AP_CORING_EN
3
1: Enable Aperture CORING.
YHLPF_EN
4
1: Enable Y Horizontal Low-Pass filter.
YGAMMA_EN
5
1: Enable Y Gamma.
Y_LCRAWL_EN
6
1: Enable Line Crawl.
AP_LPF_EN
7
1: Enable Aperture Low Pass Filter.
4A
(1101h)
LCR_LDIF_THD
7:0
Line different threshold for Line Crawl Reduction.
4B
(1102h)
LCR_HIGH_THD
[7:0]
7:0
High threshold for Line Crawl Reduction
Reserved
6:0
HBPF_SEL
7
0: HBPF = (-1/4, 0, 1/2, 0, -1/4)
1: HBPF = (0, -1/4, 1/4, 1/4, -1/4)
4D
Reserved
7:0
4E
(1105h)
APKNEE_Y128
7:0
Y for APKNEE curve when X=128. Y= APKNEE_Y128 *2,
Note: Y0=0.
4F
(1106h)
APKNEE_Y256
7:0
Y for APKNEE curve when X=256. Y= APKNEE_Y256 *2
50
(1107h)
APKNEE_Y384
7:0
Y for APKNEE curve when X=384. Y= APKNEE_Y384 *2
4C
(1103h)
49
(1100h)
12
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com