Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 20 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 20 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 16Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 17Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 18Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 19Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 20Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 21Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 22Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 23Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 24Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
BF
(0004h)
BLC_YSUM_TGT[15:
8]
7:0
Target Y value when auto exposure (BLC ON)
C0
(0005h)
BLC_YSUM_TGT[7:0]
7:0
AE_STEP_SIZE[4:0]
4:0
AE step size (12~31)
ADCK_INV
5
Ai4100
0: Normal ADCK Operation
1: ADCK clock inversion
AD9943
0: ADCK active low
1: ADCK active high
C1
(0006h)
MON_SEL[1:0]
7:6
Monitor selection (Only for Ai4100)
00: Monitor OFF
01: CDS signal to monitor
10: PGA output monitor
11: Output REFIN and CCDIN (for calibration)
MAX_SH[3:0]
3:0
Maximum shutter speed
(When SHUTTER_MODE = Auto)
MIN_SH_SEL
4
Select minimum shutter speed,
0: 1/60(1/50) 1: 1/120(1/100)
C2
(0007h)
AFE_CDS_GAIN[1:0]
6:5
AFE CDS gain select,
00:0dB, 01:6dB, 10:12dB, 11:-2dB (Only for Ai4100)
AFE_SEL
7
0 : Ai4100 , 1 : AD9943
C3
(0008h)
AE_STA_RANGE[7:0]
7:0
Stable range at auto exposure
C4
(0009h)
AE_OSC_RANGE[7:0
]
7:0
Oscillation range at auto exposure
C5
(000Ah)
MAX_AFE_GAIN[7:0]
7:0
Max AFE analog gain when AGC
C7
(000Ch)
FIX_GAIN[7:0]
7:0
Gain value when AGC off
C8
(000Dh)
AFE_OFFSET[7:0]
7:0
AFE offset value when fixed
Ai4100 : 0 ~127
AD9943 : 0 ~ 255
C9
(000Eh)
AWB1_R_GAIN [7:0]
7:0
R gain for AWB1(3100°K) adjustment.
GAIN=(R_GAIN/64)
CA
(000Fh)
AWB1_G_GAIN [7:0]
7:0
G gain for AWB1(3100°K) adjustment.
GAIN=(G_GAIN/64)
CB
(0010h)
AWB1_B_GAIN [7:0]
7:0
B gain for AWB1(3100°K) adjustment.
GAIN=(B_GAIN/64)
20
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com