Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 24 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 24 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 20Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 21Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 22Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 23Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 24Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 25Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 26Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 27Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 28Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
F7
(0101h)
Y_MIN_CNT[15;8]
7:0
F8
(0102h)
PRINT_FLAG [7:0]
7:0
F9
(003Dh)
LL_STEP_SIZE [7:0]
7:0
Step size of line-lock comp
LL_FREQ_MAX [3:0]
3:0
Maximum Line-Lock frequency
1/60 (1/50) – (LL_FREQ_MAX * 2048 Tsys_clk)
LL_FREQ_MIN [3:0]
7:4
Minimum Line-Lock frequency
1/60 (1/50) + (LL_FREQ_MIN * 2048 Tsys_clk)
HLS_MODE [1:0]
1:0
High Light suppression mode. (switch data at AE,Y)
0: Disable
1: AE switch on.
2: Y switch on.
3: AE, Y switch on.
(Active while MCRDIP = 1 or HLI_EN = ‘H’ )
AWB_RANGE
4:2
000: 2500
oK~9500oK
001: 3100
oK~5100oK
010: 3100
oK~6500oK
011: 2800
oK~4700oK
100: 2500
oK~15000oK
Reserved
7:5
FC~FF
Reserved
7:0
100
(0040h)
C_M11_LT[7:0]
7:0
C_M11 of color matrix at low color temperature.
101
(0041h)
C_M12_LT[7:0]
7:0
C_M12 of color matrix at low color temperature.
102
(0042h)
C_M13_LT[7:0]
7:0
C_M13 of color matrix at low color temperature.
103
(0043h)
C_M21_LT[7:0]
7:0
C_M21 of color matrix at low color temperature.
104
(0044h)
C_M22_LT[7:0]
7:0
C_M22 of color matrix at low color temperature.
105
(0045h)
C_M32 of color matrix at low color temperature.
108
(0048h)
C_M23_LT[7:0]
7:0
C_M23 of color matrix at low color temperature.
106
(0046h)
C_M31_LT[7:0]
7:0
C_M31 of color matrix at low color temperature.
107
(0047h)
C_M32_LT[7:0]
7:0
C_M33_LT[7:0]
7:0
C_M33 of color matrix at low color temperature.
FB
(003Fh)
FA
(003Eh)
Minimum Y count
24
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com