Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  AI2152 Datasheet HTML 1Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 2Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 3Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 4Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 5Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 6Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 7Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 8Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
Pin
Symbol
I/O, P/G
Description
31
GPIO_1
B
General Purpose I/O (WB2)
32
GPIO_2
B
General Purpose I/O (MIR)
33
GPIO_3
B
General Purpose I/O (BLC)
34
GNDDA
P
AGND for Video DAC
35
VCC
PAVDD for Video DAC
36
VDAC_REG
O
Regulator Output for Video DAC (VB)
37
VREF
O
REF for Video DAC (IREF)
38
NC
No Connection
39
GNDDA
P
Analog GND
40
Video
O
Analog Video Output
41
GPIO_4
B
General Purpose I/O (EEMDS)
42
GPIO_5
B
General Purpose I/O (EEMD1)
43
GPIO_6
B
General Purpose I/O (EEMD2)
44
GPIO_7
B
General Purpose I/O (EEMD3)
45
GND
P
GND
46
VCC
P
Power (+3.3V)
47
DV_DCLK
O
Clock for Digital Output
48
TEST
I
TEST mode
49
VRI
I
Line Lock Signal Input (50/60Hz)
50
DVIO_0
B
DV I/O for Digital Output (Left Key)
51
DVIO_1
B
DV I/O for Digital Output (Right Key)
52
DVIO_2
B
DV I/O for Digital Output (Push Lock)
53
DVIO_3
B
DV I/O for Digital Output (LED)
54
GND
P
GND
55
VCC
P
Power (+3.3V)
56
DVIO_4
B
DV I/O for Digital Output (ECLIPSE)
57
DVIO_5
B
DV I/O for Digital Output
58
DVIO_6
B
DV I/O for Digital Output
59
DVIO_7
B
DV I/O for Digital Output
60
HD
O
HSYNC for Digital Output
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com