Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 17 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 17 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 13Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 14Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 15Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 16Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 17Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 18Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 19Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 20Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 21Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
9E
(1159h)
LY_SPRS_STAR
T
7:0
Color suppress start level for low luminance.
LY_SPRS_SLOP
E
4:0
Color suppress slope for low luminance.
9F
(115Ah)
Reserved
7:5
A0
(115Bh)
HY_SPRS_STAR
T
7:0
Color suppress start level for high luminance.
HY_SPRS_SLOP
E
4:0
Color suppress slope for high luminance.
A1
(115Ch)
Reserved
7:5
AP_SPRS_STAR
T
5:0
Color suppress start level for aperture.
A2
(115Dh)
Reserved
7:6
AP_SPRS_
SLOPE
3:0
Color suppress slope for aperture.
A3
(115Eh)
Reserved
7:4
U_SLICE
3:0
Slice = U_SLICE * 2
V_SLICE
7:4
Slice = V_SLICE * 2
Y_MAX[5:0]
5:0
Maximum Y for AWB report.
(Unit: 4 level for 8 bits image data)
Reserved
7:6
Y_MIN[5:0]
5:0
Minimum Y for AWB report.
(Unit: 4 level for 8 bits image data)
Reserved
7:6
A7
(1163h)
C_MAX[7:0]
7:0
C_MAX[9:8]
1:0
Reserved
7:2
A9
(1165h)
C_MIN[7:0]
7:0
Minimum C for AWB report.
(Unit: 4 level for 7 bits image data)
UV_plane[3:0]
3:0
UV_plane region enable select for AWB report.
UV_plane[0] : 0: region 1 disable. 1: region 1 enable.
UV_plane[1] : 0: region 2 disable. 1: region 2 enable.
UV_plane[2] : 0: region 3 disable. 1: region 3 enable.
UV_plane[3] : 0: region 4 disable. 1: region 4 enable.
Reserved
7:4
AA
(1166h)
Maximum C for AWB report.
(Unit: 16 level for 7 bits image data)
Note : C_MIN ≦( U2 + V2 ) < C_MAX
A8
(1164h)
A6
(1162h)
A5
(1161h)
A4
(115Fh)
17
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com