Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 19 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 19 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 15Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 16Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 17Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 18Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 19Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 20Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 21Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 22Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 23Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
WB_MODE[1:0]
1:0
White balance mode
00: Auto
01: WB1 (3100
oK)
10: WB2 (5100
oK)
11: WB3 (6500
oK)
1011: Auto
1100: Auto
1101: Auto
1110: Auto
1111: Auto
MIR
2
Mirror
0: Disable 1: Enable
BB
(0000h)
BLC
3
Back light compensation
0: Disable 1: Enable
SHUTTER_MODE[4:0]
7:4
Shutter speed select
0000: 1/60s (1/50s)
0001: 1/120s (1/100s)
0010: 1/250s
0011: 1/500s
0100: 1/1000s
0101: 1/2000s
0110: 1/5000s
0111: 1/10000s
1000: 1/20000s
1001: 1/50000s
1010: 1/100000s
MCRDIP
0
1: Enable microcontroller DIP switch scan
FLKLESS
1
1: Enable flickless
AGC_OFF
2
AGC control, 0:ON, 1:OFF
INIT_SHUTTER_FLAG
3
Initial shutter speed at power on,
0: Min shutter speed, 1: Max shutter speed
AE_SPEED[2:0]
6:4
Speed of AE control operation
000: Per 1 frames
001: Per 2 frames
010: Per 4 frames
011: Per 8 frames
100: Per 12 frames
BC
(0001h)
AE_STOP
7
Stop AE_Control
BD
(0002h)
YSUM_TGT[15:8]
7:0
BE
(0003h)
YSUM_TGT[7:0]
7:0
Target Y value when auto exposure (BLC OFF)
19
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com