Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 25 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 25 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 21Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 22Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 23Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 24Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 25Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 26Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 27Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 28Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 29Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
109
(0049h)
C_M11_LT[7:0]
7:0
C_M11 of color matrix at high color temperature.
10A
(004Ah)
C_M12_LT[7:0]
7:0
C_M12 of color matrix at high color temperature.
10B
(004Bh)
C_M13_LT[7:0]
7:0
C_M13 of color matrix at high color temperature.
10C
(004Ch)
C_M21_HT[7:0]
7:0
C_M21 of Color Matrix at high color temperature.
10D
(004Dh)
C_M22_HT[7:0]
7:0
C_M22 of Color Matrix at high color temperature.
10E
(004Eh)
C_M23_HT[7:0]
7:0
C_M23 of Color Matrix at high color temperature.
10F
(004Fh)
C_M31_HT[7:0]
7:0
C_M31 of Color Matrix at high color temperature.
112
(0052h)
L_M21_LT[7:0]
7:0
L_M21 of Liner matrix at Low temperature. A signed value.
Reserved
7:2
Reserved
Reserved
7:2
Reserved
7:2
Reserved
7:2
114
(0054h)
L_M22_LT[7:0]
7:0
L_M22 of Liner matrix at Low temperature. A signed value.
116
(0056h)
L_M23_LT[7:0]
7:0
L_M23_LT[9:8]
1:0
118
(0058h)
L_M31_LT[7:0]
7:0
L_M31 of Liner matrix at Low temperature. A signed value.
11A
(005Ah)
L_M32_LT[7:0]
7:0
L_M32_LT[9:8]
1:0
L_M32 of Liner matrix at Low temperature. A signed value.
11B
(005Bh)
L_M23 of Liner matrix at Low temperature. A signed value.
117
(0057h)
113
(0053h)
119
(0059h)
110
(0050h)
C_M32_HT[7:0]
7:0
C_M32 of Color Matrix at high color temperature.
111
(0051h)
C_M33_HT[7:0]
7:0
C_M33 of Color Matrix at high color temperature.
L_M21_LT[9:8]
1:0
L_M22_LT[7:0]
7:0
L_M31_LT[9:8]
1:0
115
(0055h)
25
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com