Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 27 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 27 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 23Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 24Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 25Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 26Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 27Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 28Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 29Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 30Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 31Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
130
(0070h)
AWBRAG5_BMA[7:0]
7:0
Max B Gain for AWB Range 5
131
(0071h)
AWBRAG5_BMI[7:0]
7:0
Max B Gain for AWB Range 5
High color temp low bound B Gain
134
(0074h)
Y when X=0. (BLC ON)
137
(0098h)
Y when X=96. (BLC ON)
13A
(009Bh)
Y when X=192. (BLC ON)
MT_LB_RGAIN[7:0]
7:0
Middle color temp high bound R Gain
13D
(009Eh)
BLC_GAM_Y32
7:0
Y when X=32. (BLC ON)
BLC_GAM_Y128
7:0
Y when X=128. (BLC ON)
BLC_GAM_Y224
7:0
Y when X=224. (BLC ON)
132
(0072h)
HT_LB_RGAIN[7:0]
7:0
High color temp low bound R Gain
133
(0073h)
HT_LB_BGAIN[7:0]
7:0
135
(0075h)
MT_LB_BGAIN[7:0]
7:0
Middle color temp high bound B Gain
138
(0099h)
BLC_GAM_Y64
7:0
Y when X=64. (BLC ON)
139
(009Ah)
BLC_GAM_Y96
7:0
136
(0097h)
BLC_GAM_Y0
7:0
13B
(009Ch)
BLC_GAM_Y160
7:0
Y when X=160. (BLC ON)
13C
(009Dh)
BLC_GAM_Y192
7:0
13E(009Fh)
BLC_GAM_Y256
7:0
Y when X=256. (BLC ON)
13F
(00A0)
BLC_GAM_Y320
7:0
Y when X=320. (BLC ON)
140
(00A1h)
BLC_GAM_Y384
7:0
Y when X=384. (BLC ON)
141
(00A2h)
BLC_GAM_Y448
7:0
Y when X=448. (BLC ON)
142
(00A3h)
Y when X=640. (BLC ON)
BLC_GAM_Y512
7:0
Y when X=512. (BLC ON)
143
(00A4h)
BLC_GAM_Y576
7:0
Y when X=576. (BLC ON)
144
(00A5h)
BLC_GAM_Y640
7:0
27
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com