Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 22 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 22 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 18Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 19Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 20Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 21Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 22Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 23Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 24Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 25Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 26Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
W2 [3:0]
3:0
Y Sum weight at window 2 when BLC Off
BLC_W2 [3:0]
7:4
Y Sum weight at window 2 when BLC On
W3 [3:0]
3:0
Y Sum weight at window 3 when BLC Off
BLC_W3 [3:0]
7:4
Y Sum weight at window 3 when BLC On
W4 [3:0]
3:0
Y Sum weight at window 4 when BLC Off
BLC_W4 [3:0]
7:4
Y Sum weight at window 4 when BLC On
W5 [3:0]
3:0
Y Sum weight at window 5 when BLC Off
BLC_W5 [3:0]
7:4
Y Sum weight at window 5 when BLC On
W6 [3:0]
3:0
Y Sum weight at window 6 when BLC Off
BLC_W6 [3:0]
7:4
Y Sum weight at window 6 when BLC On
W7 [3:0]
3:0
Y Sum weight at window 7 when BLC Off
BLC_W7 [3:0]
7:4
Y Sum weight at window 7 when BLC On
W8 [3:0]
3:0
Y Sum weight at window 8 when BLC Off
BLC_W8 [3:0]
7:4
Y Sum weight at window 8 when BLC On
W9 [3:0]
3:0
Y Sum weight at window 9 when BLC Off
BLC_W9 [3:0]
7:4
Y Sum weight at window 9 when BLC On
W10 [3:0]
3:0
Y Sum weight at window 10 when BLC Off
BLC_W10 [3:0]
7:4
Y Sum weight at window 10 when BLC On
YSUM_W22 [3:0]
3:0
Y Sum weight at window 11 when BLC Off
YSUM_W23 [3:0]
7:4
Y Sum weight at window 11 when BLC On
YSUM_W24 [3:0]
3:0
Y Sum weight at window 12 when BLC Off
BLC_YSUM_W0 [3:0]
7:4
Y Sum weight at window 12 when BLC On
BLC_YSUM_W1 [3:0]
3:0
Y Sum weight at window 13 when BLC Off
BLC_YSUM_W2 [3:0]
7:4
Y Sum weight at window 13 when BLC On
W14 [3:0]
3:0
Y Sum weight at window 14 when BLC Off
E6
(002Bh)
BLC_W14 [3:0]
7:4
Y Sum weight at window 14 when BLC On
W15 [3:0]
3:0
Y Sum weight at window 15 when BLC Off
E7
(002Ch)
BLC_W15 [3:0]
7:4
Y Sum weight at window 15 when BLC On
W16 [3:0]
3:0
Y Sum weight at window 16 when BLC Off
E8
(002Dh)
BLC_W16 [3:0]
7:4
Y Sum weight at window 16 when BLC On
E5
(002Ah)
E4
(0029h)
E3
(0028h)
E2
(0027h)
E1
(0026h)
E0
(0025h)
DF
(0024h)
DE
(0023h)
DD
(0022h)
DC
(0021h)
DB
(0020h)
DA
(001Fh)
22
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com