Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 28 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 28 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 24Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 25Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 26Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 27Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 28Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 29Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 30Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 31Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 32Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
145
(00A6h)
BLC_GAM_Y704
7:0
Y when X=704. (BLC ON)
146
(00A7h)
BLC_GAM_Y768
7:0
Y when X=768. (BLC ON).
147
(00A8h)
BLC_GAM_Y832
7:0
Y when X=832. (BLC ON)
148
(00A9h)
BLC_GAM_Y896
7:0
Y when X=896. (BLC ON)
149
(00AAh)
BLC_GAM_Y960
7:0
Y when X=960. (BLC ON)
G0_STABIT_1[2:0]
3:1
GPIO0 Mapping Start Bit 1 (0~7)
Reserved
4
AWB_GAP
7:5
Gap between each color temp
BLC_GAM_Y1024
7:0
Y when X=1024. (BLC ON)
14A
(00ABh)
14B
(00ACh)
G0_ADR_1[7:0]
7:0
G0_ADR_1[8]
0
14D
(00AEh)
G0_ADR_2[7:0]
7:0
G0_ADR_2[8]
0
G0_STABIT_1[2:0]
3:1
GPIO1 Mapping Start Bit 1 (0~7)
Reserved
7:4
151
(00B2h)
G1_ADR_2[7:0]
7:0
G1_ADR_2[8]
0
G1_STABIT_2[2:0]
3:1
GPIO1 Mapping Start Bit 2 (0~7)
G1_BITNUM_2[3:0]
7:4
GPIO1 Mapping Bit Num 2 (1~8)
GPIO1 Mapping Address 2, If Address = 0x00 -> Disable
152
(00B3h)
GPIO0 Mapping Address 2, If Address = 0x00 -> Disable
G0_STABIT_2[2:0]
3:1
GPIO0 Mapping Start Bit 2 (0~7)
14E
(00AFh)
G0_BITNUM_2[3:0]
7:4
GPIO0 Mapping Bit Num 2 (1~8)
G0_ADR_1[8]
0
GPIO1 Mapping Address 1, If Address = 0x00 -> Disable
150
(00B1h)
GPIO0 Mapping Address 1, If Address = 0x00 -> Disable
14C
(00ADh)
14F
(00B0h)
G0_ADR_1[7:0]
7:0
28
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com