Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 14 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 14 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 10Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 11Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 12Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 13Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 14Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 15Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 16Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 17Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 18Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
65
(008Eh)
GAM_Y512
7:0
Y when X=512. (BLC OFF)
66
(008Fh)
GAM_Y576
7:0
Y when X=576. (BLC OFF)
67
(0090h)
GAM_Y640
7:0
Y when X=640. (BLC OFF)
68
(0091h)
GAM_Y704
7:0
Y when X=704. (BLC OFF)
69
(0092h)
GAM_Y768
7:0
Y when X=768. (BLC OFF)
6A
(0093h)
GAM_Y832
7:0
Y when X=832. (BLC OFF)
6B
(0094h)
GAM_Y896
7:0
Y when X=896. (BLC OFF)
6C
(0095h)
GAM_Y960
7:0
Y when X=960. (BLC OFF)
6D
(0096h)
GAM_Y1024
7:0
Y when X=1024. (BLC OFF)
CLPF_EN
0
Color low-pass filter enable
ITP_EN
1
Interpolation enable
6E
(1128h)
CLR_MTX_EN
2
Color matrix enable
RGB_GAMMA_EN
3
RGB gamma enable
LINER_MTX_EN
4
Liner matrix enable
YH_SPRS_EN
5
YH color suppress enable
AP_SPRS_EN
6
Aperture color suppress enable
Reserved
7
6F
Reserved
7:0
70
(00E7h)
MT_LB_RGAIN[7:0]
7:0
Middle color temp low bound R Gain
71
(00E8h)
MT_LB_BGAIN[7:0]
7:0
Middle color temp low bound B Gain
72
(00E9h)
LT_HB_RGAIN[7:0]
7:0
Low color temp high bound R Gain
73
(00EAh)
LT_HB_BGAIN[7:0]
7:0
Low color temp high bound B Gain
74
Reserved
7:0
75
Reserved
7:0
76
Reserved
7:0
14
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com