Electronic Components Datasheet Search
  English  ▼

X  

AI2152 Datasheet(PDF) 26 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 26 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 22Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 23Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 24Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 25Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 26Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 27Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 28Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 29Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 30Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
11C
(005Ch)
L_M33_LT[7:0]
7:0
L_M33 of Liner matrix at Low temperature. A signed value.
L_M33_LT[9:8]
1:0
11D
(005Dh)
Reserved
7:2
11E
(005Eh)
AWBRAG1_RMA[7:0]
7:0
Max R Gain for AWB Range 1
11F
(005Fh)
AWBRAG1_RMI[7:0]
7:0
Max R Gain for AWB Range 1
120
(0060h)
AWBRAG1_BMA[7:0]
7:0
Max B Gain for AWB Range 1
121
(0061h)
AWBRAG1_BMI[7:0]
7:0
Max B Gain for AWB Range 1
122
(0062h)
AWBRAG2_RMA[7:0]
7:0
Max R Gain for AWB Range 2
123
(0063h)
AWBRAG2_RMI[7:0]
7:0
Max R Gain for AWB Range 2
124
(0064h)
AWBRAG2_BMA[7:0]
7:0
Max B Gain for AWB Range 2
125
(0065h)
AWBRAG2_BMI[7:0]
7:0
Max B Gain for AWB Range 2
126
(0066h)
AWBRAG3_RMA[7:0]
7:0
Max R Gain for AWB Range 3
127
(0067h)
AWBRAG3_RMI[7:0]
7:0
Min R Gain for AWB Range 3
128
(0068h)
AWBRAG3_BMA[7:0]
7:0
Max B Gain for AWB Range 3
129
(0069h)
AWBRAG3_BMI[7:0]
7:0
Min B Gain for AWB Range 3
12C
(006Ch)
AWBRAG4_BMA[7:0]
7:0
Max B Gain for AWB Range 4
Max B Gain for AWB Range 4
12E
(006Eh)
AWBRAG5_RMA[7:0]
7:0
Max R Gain for AWB Range 5
12F
(006Fh)
AWBRAG5_RMI[7:0]
7:0
Max R Gain for AWB Range 5
12D
(006Dh)
12A
(006Ah)
AWBRAG4_RMA[7:0]
7:0
Max R Gain for AWB Range 4
12B
(006Bh)
AWBRAG4_RMI[7:0]
7:0
Max R Gain for AWB Range 4
AWBRAG4_BMI[7:0]
7:0
26
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com