Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 5 Page - Texas Instruments

  UCC29421 Datasheet HTML 1Page - Texas Instruments UCC29421 Datasheet HTML 2Page - Texas Instruments UCC29421 Datasheet HTML 3Page - Texas Instruments UCC29421 Datasheet HTML 4Page - Texas Instruments UCC29421 Datasheet HTML 5Page - Texas Instruments UCC29421 Datasheet HTML 6Page - Texas Instruments UCC29421 Datasheet HTML 7Page - Texas Instruments UCC29421 Datasheet HTML 8Page - Texas Instruments UCC29421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = −40°C to
85
°C for the UCC2942x, 0°C to 70°C for the UCC3942x, RT = 100 kΩ, VVPUMP = 6 V, VVIN = 3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Detection Section (UCC39422 Only)
Threshold voltage
1.18
1.26
1.34
V
Output low voltage
I = 5 mA
0.15
0.3
V
Output leakage
LOWBAT = 8 V
0.05
0.25
µA
PIN DESCRIPTIONS
COMP: This is the output of the transconductance error amplifier. Connect the compensation components from
this pin to ground.
CHRG: This is the gate drive output for the N-channel charge MOSFET. Connect it to the gate directly, or through
a low-value gate resistor.
CP: This is the input for the charge pump. For applications requiring a charge pump, connect this pin to the
charge pump diode and flying capacitor, as shown in the applications diagram of Figure 4. For applications
where no charge pump is required, this pin should be grounded.
FB: The feedback input is the inverting input to the transconductance error amplifier. Connect this pin to a
resistive divider between VOUT and ground. The output voltage is regulated to:
V
OUT +
1.235
(R1
) R2)
R1
where R1 goes to GND and R2 goes to VOUT.
GND: This is the signal ground pin for the device. It should be tied to the local ground plane.
ISENSE: This is the input to the X10 wide bandwidth current-sense amplifier. Connect this pin to the high side
of the current-sense resistor. An internal current is sourced out this pin for slope compensation. For applications
requiring slope compensation (or filtering of the current-sense signal), use a resistor in series with this pin.
LOWBAT: This is the open drain output of the uncommitted comparator. (UCC39422 only). This output is low
when the VDET pin is above 1.25 V.
PFM: This is the programming pin for the PFM (pulse frequency modulation) mode threshold. Connect this pin
to a resistive divider off of the FB pin (or VOUT) to set the PFM threshold. To disable PFM Mode, connect this
pin to ground (below 0.2 V).
PGND: This is the power ground pin for the device. Connect it directly to the ground return of the current-sense
resistor.
RECT: This is the gate drive output for the synchronous rectifier. Connect it to the gate of the P- or N-channel
MOSFET directly, or through a low value gate resistor.
RSEN: This pin is used to sense the voltage across the synchronous rectifier for commutation. In boost
configurations, connect this pin through a 1-k
Ω resistor to the junction of the two MOSFETs and the inductor.
In flyback and SEPIC configurations, connect this pin through a 1-k
Ω resistor to the junction of the drain of the
synchronous rectifier and the secondary side winding of the coupled inductor.
RSADJ: A capacitor from this pin to ground sets the reset delay. (UCC39422 only)
RSEL: This pin programs the device for N- or P-channel synchronous rectifiers by inverting the phase of the
RECT gate drive output. Connect this pin to ground for N-channel MOSFETs, connect it to VIN for P-channel
MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com