Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 32 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 27Page - Texas Instruments UCC29421 Datasheet HTML 28Page - Texas Instruments UCC29421 Datasheet HTML 29Page - Texas Instruments UCC29421 Datasheet HTML 30Page - Texas Instruments UCC29421 Datasheet HTML 31Page - Texas Instruments UCC29421 Datasheet HTML 32Page - Texas Instruments UCC29421 Datasheet HTML 33Page - Texas Instruments UCC29421 Datasheet HTML 34Page - Texas Instruments UCC29421 Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UCC29421N
ACTIVE
PDIP
N
16
20
None
CU SNPB
Level-NA-NA-NA
UCC29421PW
ACTIVE
TSSOP
PW
16
90
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC29421PWTR
ACTIVE
TSSOP
PW
16
1
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC29422N
ACTIVE
PDIP
N
20
18
None
CU SNPB
Level-NA-NA-NA
UCC29422PW
ACTIVE
TSSOP
PW
20
70
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC29422PWTR
ACTIVE
TSSOP
PW
20
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC39421N
ACTIVE
PDIP
N
16
25
None
CU SNPB
Level-NA-NA-NA
UCC39421PW
ACTIVE
TSSOP
PW
16
90
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC39421PWTR
ACTIVE
TSSOP
PW
16
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC39422N
ACTIVE
PDIP
N
20
18
None
CU SNPB
Level-NA-NA-NA
UCC39422PW
ACTIVE
TSSOP
PW
20
70
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC39422PWTR
ACTIVE
TSSOP
PW
20
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Mar-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com