Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 18 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 14Page - Texas Instruments UCC29421 Datasheet HTML 15Page - Texas Instruments UCC29421 Datasheet HTML 16Page - Texas Instruments UCC29421 Datasheet HTML 17Page - Texas Instruments UCC29421 Datasheet HTML 18Page - Texas Instruments UCC29421 Datasheet HTML 19Page - Texas Instruments UCC29421 Datasheet HTML 20Page - Texas Instruments UCC29421 Datasheet HTML 21Page - Texas Instruments UCC29421 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
SEPIC topology using N- and P-channel MOSFETs
The UCC39421 may also be used in the SEPIC (single-ended primary inductance converter) topology. This
topology, which is similar to the flyback, uses a capacitor to aid in energy transfer from input to output. This
configuration is shown in Figure 8. The N
-channel synchronous rectifier has been changed to a P-channel and
moved to the other end of the inductor’s secondary winding, and a new capacitor has been placed across the
dotted ends of the two windings. The SEPIC topology offers the same advantage of the flyback in that it can
generate an output voltage that is greater or less than the input voltage.
However, it also offers improved efficiency. Although it requires an additional capacitor in the power stage, it
greatly reduces ripple current in the input capacitor and improves efficiency by transferring the energy in the
leakage inductance of the coupled inductor to the output. This also provides snubbing for the primary and
secondary windings, eliminating the need for RC snubbers. Note that the capacitor must have low ESR, with
sufficient ripple current rating for the application. Another advantage of the SEPIC is that the inductors do not
have to be on the same core.
PWM duty cycle and slope compensation
All boost and flyback converters using peak current mode control are susceptible to a phenomenon known as
subharmonic oscillation when operated in the continuous conduction mode beyond 50% duty cycle. Continuous
conduction mode (CCM) means that the inductor current never goes to zero during the switching cycle. For a
CCM boost converter, the required duty cycle for a given input and output voltage (neglecting voltage drops
across the MOSFET switches) is given by equation (7). This is shown graphically for a number of common
output voltages in Figure 9. For example, it can be seen that for a 3.3-V output (using the boost topology) slope
compensation is not required because the duty cycle never exceeds 50%.
For the flyback topology, using a coupled inductor with a 1:1 turns ratio, the duty cycle is defined by
equation (11). This is shown graphically for a number of common output voltages in Figure 10.
To prevent subharmonic oscillation beyond 50% duty cycle, a technique called slope compensation is used,
which modifies the slope of the current ramp. This is accomplished by adding a part of the timing ramp to the
current-sense input. In the UCC39421, this can be done by simply adding a resistor in series with the ISENSE
input. A current is sourced within the IC which is proportional to the internal timing ramp voltage. The value of
the resistor determines the amount of slope compensation added.
The slope compensation output current at the ISENSE pin is equal to:
I
SLOPE +
1
R
T
A
m sec
(13)
where RT is the timing resister in ohms (
Ω).
The required slope compensation resistor for a boost configuration is given by the equation:
R
SLOPE +
V
OUT *
2
V
IN min
R
SENSE
R
T
L
(14)
where RSENSE is the current-sense resistor value in ohms (Ω) and L is the inductor value in microhenries (µH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com