Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 2Page - Texas Instruments UCC29421 Datasheet HTML 3Page - Texas Instruments UCC29421 Datasheet HTML 4Page - Texas Instruments UCC29421 Datasheet HTML 5Page - Texas Instruments UCC29421 Datasheet HTML 6Page - Texas Instruments UCC29421 Datasheet HTML 7Page - Texas Instruments UCC29421 Datasheet HTML 8Page - Texas Instruments UCC29421 Datasheet HTML 9Page - Texas Instruments UCC29421 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RESET: This is the open drain output of the reset comparator. (UCC39422 only) and is active low.
RT: A resistor from this pin to ground programs the frequency of the pulse width modulator.
Frequency (MHz)
^
50
R
T
(k
W)
SYNC/SD: This pin has two functions. It may be used to synchronize the UCC39421’s switching frequency to
an external clock, or to shutdown the IC entirely. In shutdown, the quiescent current is reduced to just a few
microamps (both external FETs are turned off). To shutdown the converter, this pin must be held high (above
2.0 V) for a minimum of 29
µs. If not used, this pin should be grounded.
To synchronize the internal oscillator to an external source, the SYNC/SD pin must be driven with a clock pulse,
with a minimum amplitude of 2.0 V. The internal circuitry syncs to the rising edge of the external clock. The clock
pulse width is not critical (must be 50 ns minimum).
Note: When coming out of shutdown (or during power-up), the SYNC/SD pin must be held low for a minimum
of 200
µs before applying an external clock to ensure startup.
VPUMP: This is the output of the charge pump. For applications requiring a charge pump, connect a 1-
µF
capacitor from this pin to ground. Otherwise, connect this pin to the higher of VIN or VOUT, and decouple with
a 0.1-
µF capacitor.
VOUT: Connect this pin to the output voltage. This input is used for sensing the voltage across the synchronous
rectifier and for supplying power to internal circuitry and should be decoupled with a 0.1-
µF capacitor.
VIN: This is the input power pin of the device. Connect this pin to the input voltage source. A 0.1-
µF decoupling
capacitor should be connected between this pin and ground.
VDET: This is the non-inverting input to an uncommitted comparator. This input may be used for detecting a
low-battery condition. (UCC39422 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com