Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 3Page - Texas Instruments UCC29421 Datasheet HTML 4Page - Texas Instruments UCC29421 Datasheet HTML 5Page - Texas Instruments UCC29421 Datasheet HTML 6Page - Texas Instruments UCC29421 Datasheet HTML 7Page - Texas Instruments UCC29421 Datasheet HTML 8Page - Texas Instruments UCC29421 Datasheet HTML 9Page - Texas Instruments UCC29421 Datasheet HTML 10Page - Texas Instruments UCC29421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The UCC39421 is a high frequency, synchronous PWM controller optimized for portable, battery-powered
applications where size and efficiency are of critical importance. It includes high-speed, high-current FET
drivers for those converter applications requiring low Rds(on) external MOSFETs. A detailed block diagram is
shown in Figure 2.
optimizing efficiency
The UCC39421 optimizes efficiency and extends battery life with its low quiescent current and its synchronous
rectifier topology. The additional features of low-power (LP) mode and PFM mode maintain high efficiency over
a wide range of load current. These features are discussed in detail.
power saving modes
Since this is a peak current mode controller, the error amplifier output voltage sets the peak inductor current
required to sustain the load. The UCC39421 incorporates two special modes of operation designed to optimize
efficiency over a wide range of load current. This is done by comparing the error amplifier output voltage (on
the COMP pin) to two fixed thresholds (one of which is user programmable). If the error amplifier output voltage
drops below the first threshold, low power mode is entered. If the error-amplifier output voltage drops even
further, below a second user programmable threshold, PFM mode is entered. These modes of operation are
designed to maintain high efficiency at light loads, and are described in detail in the following text. Refer to the
simplified block diagram of Figure 1 for the control logic.
UDG−98108
VOUT
SENSE
+
+
+
0.2 V
1.22
+
+
1=SLEEP
Q
S
R
HOLD AMP
70 mV
PFM
PFM COMP
+
PFM DISABLE COMP
ERROR AMP
1.24 V
0.6 V
LPM COMP
FB
COMP
PFM
1 = LP_MODE
Figure 1. Simplified Block Diagram of Low Power and Pulse Mode Control Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com