Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 18Page - Texas Instruments UCC29421 Datasheet HTML 19Page - Texas Instruments UCC29421 Datasheet HTML 20Page - Texas Instruments UCC29421 Datasheet HTML 21Page - Texas Instruments UCC29421 Datasheet HTML 22Page - Texas Instruments UCC29421 Datasheet HTML 23Page - Texas Instruments UCC29421 Datasheet HTML 24Page - Texas Instruments UCC29421 Datasheet HTML 25Page - Texas Instruments UCC29421 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
anticross-conduction and adaptive synchronous rectifier commutation logic (continued)
In the flyback topology however (using a ground referenced N-channel MOSFET rectifier), the rectifier voltage
is sensed on the MOSFET drain, with respect to ground rather than VOUT. The voltage polarity in this case is
opposite that of the boost and SEPIC topologies. This problem is solved with the adaptive logic within the
UCC39421. During each charge cycle, while the N-channel charge FET is on, a latch is set if the voltage on the
RSEN pin exceeds VIN/2. This indicates a flyback topology, since this node is be equal to or greater than VIN
at this time. In the case of the boost and the SEPIC, the voltage at the RSEN input is near or below ground, and
the latch is not be set. This allows the UCC39421 to sense which topology is in use and adapt the synchronous
rectifier commutation logic accordingly. Note that the RSEN input must have a series resistor to limit the current
when going below ground. Values less than or equal to 1 k
Ω are recommended to prevent time delay due to
stray capacitance.
current-sense amplifier and leading edge blanking
The UCC39421 includes a high-speed current-sense amplifier with a nominal gain of 10 to minimize losses
associated with the current-sense resistor. The amplifier was designed to provide good response and minimal
propagation delay, allowing switching frequencies at 2 MHz. The current-sense resistor should be chosen to
provide a maximum peak voltage of 100 mV at full load, with the minimum input voltage.
A leading-edge blanking time of 40 ns is provided to filter out leading-edge spikes in the current-sense
waveform. In most applications, this eliminates the need for a filter capacitor on the ISENSE pin.
overcurrent protection
The UCC39421 includes a peak current limit function. If the voltage on the ISENSE pin exceeds 0.15 V after
the initial blanking period, the pulse is terminated and the charge MOSFET is turned off.
sync/shutdown input
The SYNC/SD pin has two functions; it may be used to synchronize the UCC39421’s switching frequency to
an external clock, or to shutdown the IC entirely. In shutdown, the quiescent current is reduced to just a few
microamps.
To synchronize the internal clock to an external source, the SYNC/SD pin must be driven high, above 2.0 V
minimum. The circuitry syncs to the rising edge of the input, the pulse width is not critical.
To shutdown the converter, the SYNC/SD pin must be held high (above 2.0 V) for a minimum of 29
µs.
This pin should be grounded if not used.
changing the low power mode threshold
For some applications the user may want to lower the low power (LP) mode threshold, or even eliminate this
feature altogether. For example, if a boost topology is being used, and the input voltage is below 2.5 V, the gate
drive to the charge FET may want to be derived from the pump (or output) voltage under all load conditions,
rather than from VIN. This means the converter would never be allowed to operate in LP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com