Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 15Page - Texas Instruments UCC29421 Datasheet HTML 16Page - Texas Instruments UCC29421 Datasheet HTML 17Page - Texas Instruments UCC29421 Datasheet HTML 18Page - Texas Instruments UCC29421 Datasheet HTML 19Page - Texas Instruments UCC29421 Datasheet HTML 20Page - Texas Instruments UCC29421 Datasheet HTML 21Page - Texas Instruments UCC29421 Datasheet HTML 22Page - Texas Instruments UCC29421 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
PWM duty cycle and slope compensation (continued)
For a flyback topology, using a 1:1 turns ratio, the equation becomes:
R
SLOPE +
V
OUT *
V
IN min
R
SENSE
R
T
L
15)
If the converter is operated in the discontinuous conduction mode (inductor current drops to zero), no slope
compensation is required. The point at which this mode boundary occurs is a function of switching frequency,
input voltage, output voltage, load current, and inductor value. However, in general the converter is more
efficient when operated in the continuous conduction mode due to the lower peak currents.
Figure 9
CCM BOOST CONVERTER DUTY CYCLE
vs
INPUT VOLTAGE
2
0%
10%
20%
30%
40%
50%
60%
70%
34
V
OUT = 5 V
V
OUT = 3.3 V
VIN − Input Voltage − V
30%
V
OUT = 2.5 V
V
OUT = 3.3 V
V
OUT = 5.0 V
40%
50%
60%
70%
80%
23
4
2.5
3.5
4.5
V
OUT = 3.0 V
Figure 10
CCM FLYBACK CONVERTER DUTY CYCLE
vs
INPUT VOLTAGE
VIN − Input Voltage − V
voltage mode control
The UCC39421 can be operated as a voltage mode controller by connecting a 5.6-k
Ω resistor from the ISENSE
pin to ground. The internal current source generates an artificial ramp voltage on this input. In this case, no slope
compensation is required, and no current-sense resistor is required in series with the source of the N-channel
MOSFET. A typical application diagram is shown in Figure 11. However, in this configuration there is no
overcurrent protection. In addition, the pulse and low power modes, designed to increase efficiency at light
loads, operates at different load currents. This is because the internal error amplifier’s output voltage is no longer
a direct function of load current, but rather of duty cycle. When operating in CCM, the duty cycle is largely a
function of input and output voltage, not load current. At light enough loads however, the converter goes into
discontinuous mode and the error amplifier voltage drops low enough to activate the low power and pulse
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com