Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 29 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 25Page - Texas Instruments UCC29421 Datasheet HTML 26Page - Texas Instruments UCC29421 Datasheet HTML 27Page - Texas Instruments UCC29421 Datasheet HTML 28Page - Texas Instruments UCC29421 Datasheet HTML 29Page - Texas Instruments UCC29421 Datasheet HTML 30Page - Texas Instruments UCC29421 Datasheet HTML 31Page - Texas Instruments UCC29421 Datasheet HTML 32Page - Texas Instruments UCC29421 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
selecting the inductor
The inductor must be chosen based on the desired operating frequency and the maximum load current. Higher
frequencies allow the use of lower inductor values, reducing component size. Higher load currents require larger
inductors with higher current ratings and less winding resistance to minimize losses. The inductor must be rated
for operation at the highest anticipated peak current. Refer to equation (8) and equation (12) to calculate the
peak inductor current for a boost or flyback design, based on VIN, VOUT, maximum load, frequency, and inductor
value. Some manufacturers rate their parts for maximum energy storage in microjoules (
µJ). This is expressed
by:
E
+ 0.5
L
I
PEAK
2
(21)
where E is the required energy rating in microjoules. L is the inductor value in microhenries (
µH) (with current
applied), and IPEAK is the peak current in amps that the inductor sees in the application. Another way in which
inductor ratings are sometimes specified is the maximum volt-seconds applied. This is given simply by:
E
T
+
V
IN
D
f
(22)
where ET is the required rating in V-
µs, D is the duty cycle for a given VIN and VOUT, and f is the switching
frequency in MHz. Refer to equations (7) and (11) to calculate the duty cycle for a CCM boost or flyback
converter.
In any case, the inductor must use a low loss core designed for high-frequency operation. High-frequency ferrite
cores are recommended. Some manufacturers of off-the-shelf surface-mount designs are listed in Table 3. For
flyback and SEPIC topologies, use a two-winding coupled inductor. SEPIC designs can also use two discrete
inductors.
Table 3. MT COMMERCIAL INDUCTOR MANUFACTURERS
Coilcraft Inc.
⋅ (800) 322−2645.1102 Silver Lake RD, Cary, IL 60013
Coiltronics Inc.
⋅ (407) 241−7876 6000 Park of Commerce Blvd, Boca Raton, FL 33487
Dale Electronics, Inc.
⋅ (605) 665−9301East Highway 50, Yankton, SD 57078
Pulse Engineering Ltd.
⋅ (204) 633−4321300 Keewatin Street, Winnipeg, MB R2X 2R9
Sumida
⋅ Voice (65) 296−3388 ⋅ Fax (65) 293−3390 Block 996, Bendemeer Rd., #04−05/06 Singapore 33944
BH Electronics
⋅ (612) 894−9590 12219 Wood Lake Drive, Burnsville, MN 55337
Tokin America Inc.
⋅ (408) 432−8020155 Nicholson Lane, San Jose CA 95134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com