Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 12Page - Texas Instruments UCC29421 Datasheet HTML 13Page - Texas Instruments UCC29421 Datasheet HTML 14Page - Texas Instruments UCC29421 Datasheet HTML 15Page - Texas Instruments UCC29421 Datasheet HTML 16Page - Texas Instruments UCC29421 Datasheet HTML 17Page - Texas Instruments UCC29421 Datasheet HTML 18Page - Texas Instruments UCC29421 Datasheet HTML 19Page - Texas Instruments UCC29421 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
flyback topology using n-channel MOSFETs (continued)
1
3
2
4
5
7
6
8
16
14
15
13
12
10
11
9
0.1
µF
Q1B
Si9802
(N)
1 k
0.1
µF
R
SENSE
0.05
Ω
R
SLOPE 1.5 k
ISENSE
VOUT
RSEN
VGRECT
PGND
CHRG
VPUMP
CP
VIN
RSEL
RT
GND
PFM
FB
COMP
SYNC/SD
UCC39421
C
POLE
R
COMP
C
COMP
RT
100 k
R1
20 k
1%
R2
41 k
1%
R3
100 k
1%
L1A
COILTRONICS
CTX5−2
CIN
100
µF
10V
+1.8 V TO 4.2 V
+VIN
RG1
4.7
RG2 4.7
C
OUT
VIN
V
OUT
2.5 V
0.1
µF
Q1A
Si9802
(N)
L1B
10
470 pF
+
+
R
BIAS 180 k
D1
1N4148
UDG−98211
Figure 7. Flyback Converter Using Charge Pump Input for Low Voltage Operation
relating peak inductor current to average output current for the flyback converter
For a continuous mode flyback converter, the average output current is related to the peak inductor current by
the following:
I
PEAK +
I
OUT
(1
* D)
) di
2
(9)
where D is the duty cycle and the inductor ripple current, dI, is defined as:
di
+
t
ON
V
IN
L
+
D
V
IN
f
L
(10)
where f is the switching frequency and L is the inductor value. The duty cycle is defined as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com