Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 1 Page - Texas Instruments

  UCC29421 Datasheet HTML 1Page - Texas Instruments UCC29421 Datasheet HTML 2Page - Texas Instruments UCC29421 Datasheet HTML 3Page - Texas Instruments UCC29421 Datasheet HTML 4Page - Texas Instruments UCC29421 Datasheet HTML 5Page - Texas Instruments UCC29421 Datasheet HTML 6Page - Texas Instruments UCC29421 Datasheet HTML 7Page - Texas Instruments UCC29421 Datasheet HTML 8Page - Texas Instruments UCC29421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operation Down to an Input
Voltage of 1.8 V
D High Efficiency Boost, SEPIC or
Flyback (Buck-Boost) Topologies
D Drives External FETs for
High-Current Applications
D Up to 2-MHz Oscillator
D Synchronizable Fixed Frequency
Operation
D High-Efficiency Low-Power Mode
D High-Efficiency at Very Low-Power
with Programmable Variable
Frequency Mode
D Pulse-by-Pulse Current Limit
D 5-µA Supply Current in Shutdown
D 150-µA Supply Current in Sleep
Mode
D Selectable NMOS or PMOS
Rectification
D Built-In Power-On Reset
(UCC39422 Only)
D Built-In Low-Voltage Detect
(UCC39422 Only)
description
The UCC39421 family of synchronous
PWM controllers is optimized to operate
from dual alkaline/NiCd cells or a single
Lithium-Ion (Li-Ion) cell, and convert to
adjustable output voltages from 2.5 V to
8 V. For applications where the input
voltage does not exceed the output, a
standard boost configuration is used.
For other applications where the input voltage can swing above and below the output, a 1:1 coupled inductor
(Flyback or SEPIC) is used in place of the single inductor. Fixed frequency operation can be programmed, or
synchronized to an external clock source. In applications where (at light loads) variable frequency mode is
acceptable, the IC can be programmed to automatically enter PFM (pulse frequency modulation) mode for an
additional efficiency benefit.
Synchronous rectification provides excellent efficiency at high power levels, where N- or P- type MOSFETs can
be used. At lower power levels (between 10% and 20% of full load) where fixed frequency operation is required,
low power mode is entered. This mode optimizes efficiency by cutting back on the gate drive of the charging
FET. At very low power levels, the IC enters a variable frequency mode (PFM). PFM can be disabled by the user.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
simplified schematic block diagram and
application circuit
UDG−98122
20
4
2
16
18
1
17
5
15
11
19
6
8
9
7
13
14
10
12
+
1.24 V
LOWBAT
+
200 mS
RESET/
POR
1.18 V
VDET
RSADJ
GND
UCC39422
ONLY
RESET
+
1.22V
PWM CIRCUITRY
CURRENT LIMIT
LOW POWER
MODE
SLOPE
COMPENSATION
PFM MODE
CONTROL
+
PFM
COMP
FB
ERROR
AMP
PGND
ISENSE
50 mV TYP
+
X10
ANTI−
CROSS
COND.
CHRG
VPUMP
RSEL
RECT
CHARGE
PUMP
3
CP
VOUT
RSEN
VIN
VPUMP
+
+
2 CELL
ALKALINE/
NiCd OR
1 LI−ION
VOUT
RT
SYNC/SD
PWM
OSC
1.24 V
VREF
VGD
1.24 V
1.8 V(MIN)


Similar Part No. - UCC29421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29421 TI-UCC29421 Datasheet
981Kb / 40P
MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
UCC29421 TI1-UCC29421 Datasheet
984Kb / 39P
MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
UCC29421 TI2-UCC29421 Datasheet
706Kb / 37P
MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
REVISED FEBRUARY 2005
UCC29421NG4 TI1-UCC29421NG4 Datasheet
984Kb / 39P
MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
UCC29421PW TI1-UCC29421PW Datasheet
984Kb / 39P
MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
More results

Similar Description - UCC29421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
UCC29421 TI1-UCC29421_15 Datasheet
984Kb / 39P
MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
logo
Infineon Technologies A...
ICE5ASAG INFINEON-ICE5ASAG Datasheet
1Mb / 29P
Fixed Frequency PWM Controller
V 2.2 2018-03-02
logo
Feeling Technology Corp...
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
High Frequency PWM Controller With Short Circuit Restart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com