Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 26 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 22Page - Texas Instruments UCC29421 Datasheet HTML 23Page - Texas Instruments UCC29421 Datasheet HTML 24Page - Texas Instruments UCC29421 Datasheet HTML 25Page - Texas Instruments UCC29421 Datasheet HTML 26Page - Texas Instruments UCC29421 Datasheet HTML 27Page - Texas Instruments UCC29421 Datasheet HTML 28Page - Texas Instruments UCC29421 Datasheet HTML 29Page - Texas Instruments UCC29421 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
non−synchronous boost for higher output voltage applications (continued)
UDG−98212
RT
100 K
RCOMPC
COMP
Q1
(N)
RG1
4.7
RSENSE
0.05
Ω
COUT
100
µF
16V
CIN
100
µF
16V
0.1
µF
+VIN
12V
R3
249 K
1%
R2
17.8 K
1%
R1
11 K
1%
+
+
RSLOPE
1.5 K
CPOLE
1.25 V
3.0 V TO 8.0V
L1
6.8
µH
1
2
3
4
5
6
7
10
9
8
UCC39421
16
15
14
13
12
11
ISENSE
VOUT
RSEN
VGRECT
PGND
VGCHRG
VPUMP
CP
VIN
RSEL
RT
GND
PFM
FB
COMP
SYNC/SD
D1
MBR0530T
N/C
Figure 16. Non-Synchronous Boost Converter for Higher Output Voltages
UCC39422 features
The UCC39422 is a 20-pin device that adds a reset function and an uncommitted comparator to the UCC39421.
A simplified diagram of the reset circuit is shown in Figure 17.
UDG−98206
17
20
1
RESET
RSADJ
SQ
Q
R
1 µA
C RESET
+
+
8 pF
1.175 V
+
FB
g
m
=1/26 k
1.175 V
1.175 V
V
IN
Figure 17. Reset Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com