Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 24 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 20Page - Texas Instruments UCC29421 Datasheet HTML 21Page - Texas Instruments UCC29421 Datasheet HTML 22Page - Texas Instruments UCC29421 Datasheet HTML 23Page - Texas Instruments UCC29421 Datasheet HTML 24Page - Texas Instruments UCC29421 Datasheet HTML 25Page - Texas Instruments UCC29421 Datasheet HTML 26Page - Texas Instruments UCC29421 Datasheet HTML 27Page - Texas Instruments UCC29421 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
non-synchronous boost for higher output voltage applications
The UCC39421 can also be used in non-synchronous applications to provide output voltages greater than 8
volts from low voltage inputs. An example of a 12-V boost application is shown in Figure 16. Since none of the
IC pins are exposed to the boosted voltage, the output voltage is limited only by the ratings of the external
MOSFET, rectifier, and filter capacitor. At these higher output voltages, good efficiency is maintained since the
rectifier drop is small compared to the output voltage. Note that PFM mode can still be used to maintain high
efficiency at light load. Typical efficiency causes are shown in Figure 15.
Since all the power supply pins (VIN, VOUT, VPUMP) operate off the input voltage, it must be >2.5 V and high
enough to assure proper gate drive to the charge FET.
UDG−98216
1
3
2
4
5
7
6
8
16
14
15
13
12
10
11
9
ISENSE
VOUT
RSEN
VGRECT
PGND
CHRG
VPUMP
CP
VIN
RSEL
RT
GND
PFM
FB
COMP
SYNC/SD
UCC39421
R2
R1
VOUT
RT1
2N7002
RT2
FREQUENCY
CONTROL
Figure 14. Changing the PWM Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com