Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # UCC29421
Description  Multimode High Frequency PWM Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421 Datasheet(HTML) 20 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 16Page - Texas Instruments UCC29421 Datasheet HTML 17Page - Texas Instruments UCC29421 Datasheet HTML 18Page - Texas Instruments UCC29421 Datasheet HTML 19Page - Texas Instruments UCC29421 Datasheet HTML 20Page - Texas Instruments UCC29421 Datasheet HTML 21Page - Texas Instruments UCC29421 Datasheet HTML 22Page - Texas Instruments UCC29421 Datasheet HTML 23Page - Texas Instruments UCC29421 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
voltage mode control (continued)
UDG−98215
1
3
2
4
5
7
6
8
16
14
15
13
12
10
11
9
0.1
µF
Q1
(N)
1 k
0.1
µF
R
SLOPE
5.6 k
ISENSE
VOUT
RSEN
VGRECT
PGND
CHRG
VPUMP
CP
VIN
RSEL
RT
GND
PFM
FB
COMP
SYNC/SD
UCC39421
C
POLE
R
COMP
C
COMP
RT
100 k
R1
20 k
1%
R2
41 k
1%
R3
100 k
1%
+V
IN
0.1
µF
10V
V
OUT
5.0 V
L1
C
IN
100
µF
10V
1.8 V TO 4.5 V
V
IN
+
Q2
(P)
RG2
4.7
0.1
µF
RG1
4.7
C
OUT
+
Figure 11. Typical Boost Configuration Using Voltage Mode Control
start up
The UCC39421 incorporates a unique feature to help it start-up at low input voltages. If the input voltage is below
2.5 V at start-up, a separate control circuit takes over until VOUT or VPUMP gets above 2.5 V. In this mode, the
charge MOSFET is turned on for 5
µs, or until the voltage on the ISENSE pin reaches 36 mV, whichever occurs
first. The charge MOSFET then remains off for a fixed time of 2.5
µs, and the body diode of the synchronous
rectifier MOSFET is used to supply current to the output. This cycle repeats until either VOUT or VPUMP exceeds
2.5 V. This results in constant off time control, with a minimum switching frequency of approximately 120 kHz.
During this low voltage start-up mode, all other internal circuitry is off, including the synchronous rectifier drive
and the slope compensation current source. The peak inductor current during this mode is limited to:
I
PEAK +
0.036
R
SENSE
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com