Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 3Page - Micrel Semiconductor MIC2155 Datasheet HTML 4Page - Micrel Semiconductor MIC2155 Datasheet HTML 5Page - Micrel Semiconductor MIC2155 Datasheet HTML 6Page - Micrel Semiconductor MIC2155 Datasheet HTML 7Page - Micrel Semiconductor MIC2155 Datasheet HTML 8Page - Micrel Semiconductor MIC2155 Datasheet HTML 9Page - Micrel Semiconductor MIC2155 Datasheet HTML 10Page - Micrel Semiconductor MIC2155 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
7
M9999-052709-A
(408) 944-0800
Parameter
Condition
Min
Typ
Max
Units
Minimum On-Time
(each Channel) Note 4
30
ns
Regulation
CH1 Feedback Voltage
Reference
(+/- 1%)
(+/- 2%)
693
686
697
707
714
mV
CH1 Feedback Bias Current
VFB=0.7V
30
nA
Output Voltage Line
Regulation
4.5 ≤ VIN ≤ 14.5
0.08
%
Output Voltage Load
Regulation
0.5
%
Output Voltage Total
Regulation
4.5V
≤ VIN ≤ 14.5V; 1A ≤ IOUT ≤ 10A
(VOUT = 2.5V)
0.6
%
Channel Current Balancing
Asynchronous Mode VTH for
Slave Output
10
mV
Error Amplifier (CH1)
DC Gain
70
dB
Output Sourcing/Sinking
Current
1
mA
Error Amplifier (CH2)
DC Gain
70
dB
Transconductance
1.25
mS
Differential Amplifier
Voltage Gain
1
Offset Voltage
-20
+20
mV
Output Sourcing Current
Range
0
500
µA
Output Over Voltage Protection
VFB Threshold
(Latches LSD High)
106
109
114
%Nom
Delay Blanking time
1
µs
Soft Start
Internal Soft Start Source
Current
1.25
1
2
2.75
3
µA
Current Sense
CS Over Current Trip Point
Program Current
180
195
220
µA
CS Comparator Sense
Threshold
(Senses drop across low-side FET)
-10
0
+10
mV
Power Good
VFB threshold
86
88.5
91
%Nom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com