Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 25 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 25 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 21Page - Micrel Semiconductor MIC2155 Datasheet HTML 22Page - Micrel Semiconductor MIC2155 Datasheet HTML 23Page - Micrel Semiconductor MIC2155 Datasheet HTML 24Page - Micrel Semiconductor MIC2155 Datasheet HTML 25Page - Micrel Semiconductor MIC2155 Datasheet HTML 26Page - Micrel Semiconductor MIC2155 Datasheet HTML 27Page - Micrel Semiconductor MIC2155 Datasheet HTML 28Page - Micrel Semiconductor MIC2155 Datasheet HTML 29Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
25
M9999-052709-A
(408) 944-0800
For the high-side switch, the maximum DC power
dissipation is:
()2
)
rms
(
1
SW
1
DSON
)
DC
(
1
SWITCH
I
R
P
×
=
For the low-side switch, the DC power dissipation is:
()2
)
rms
(
2
SW
2
DSON
)
DC
(
2
SWITCH
I
R
P
×
=
The switching loss for each of the high-side MOSFETs
is:
S
t
)
peak
(
SW
IN
AC
f
T
I
V
P
×
×
×
=
The total power dissipation for each MOSFET is:
AC
)
DC
(
1
SWITCH
total
_
FET
P
P
P
+
=
External Schottky Diode
A freewheeling diode in parallel with the low-side FET is
needed to keep the inductor current flow continuous
while both MOSFETs are turned off (dead time). Dead
time is necessary to prevent current from flowing
unimpeded through both MOSFETs. An external
Schottky diode is not necessary for circuit operation
since the low-side MOSFET contains a parasitic body
diode. An external diode will improve efficiency due to its
lower forward voltage drop as compared to the internal
parasitic diode in the FET. It may also decrease high
frequency noise because the schottky diode junction
does not suffer from reverse recovery.
If the MOSFET body diode is used, it must be rated to
handle the peak and average current. The body diode
may have a relatively slow reverse recovery time and a
relatively high forward voltage drop. The power lost in
the diode is proportional to the forward voltage drop of
the diode. As the high-side MOSFET starts to turn on,
the body diode becomes a short circuit for the reverse
recovery period, dissipating additional power. The diode
recovery and the circuit inductance will cause ringing
during the high-side MOSFET turn on. If the internal FET
diode is used, power dissipated during the dead time
should be added to the PDISS of the low-side MOSFET.
An external Schottky diode conducts at a lower forward
voltage preventing the body diode in the MOSFET from
turning on. The lower forward voltage drop dissipates
less power than the body diode. The lack of a reverse
recovery mechanism in a Schottky diode causes is less
ringing and power loss. Depending on the circuit
components and operating conditions, an external
Schottky diode may give a ½% to 1% improvement in
efficiency.
This power dissipation is calculated below
S
d
OUT
)
ave
(
D
f
t
2
I
I
×
×
×
=
Where td is the dead time when both MOSFETs are off.
The reverse voltage requirement of the diode is:
IN
RRM
_
DIODE
V
V
=
The power dissipated by the diode is:
F
AVE
_
D
DIODE
V
I
P
×
=
where VF is the forward voltage at the peak diode
current.
Snubber Design
A snubber is used to damp out high frequency ringing
caused by parasitic inductance and capacitance in the
buck converter circuit. A snubber is needed for each of
the two phases in the converter. Figure 22 shows a
simplified schematic of one of the buck converter
phases. Stray capacitance consists mostly of the two
MOSFET’s output capacitance (COSS). The stray
inductance is mostly package and etch inductance. The
arrows show the resonant current path when the high
side MOSFET turns on. This ringing causes stress on
the semiconductors in the circuit as well as increased
EMI.
Q1
Q2
COUT
CIN
LSTRAY1
LSTRAY2
L
LSTRAY3
LSTRAY4
Sync_buck
Controller
VDC
COSS1
COSS2
+
–
Figure 22. Output Parasitics
One method of reducing the ringing is to use a resistor
and capacitor to lower the Q of the resonant circuit. The
circuit in Figure 23 shows the resistor in between the
switch node and ground. Capacitor Cs is used to block
DC and minimize the power dissipation in the resistor.
This capacitor value should be between 5 and 10 times
the parasitic capacitance of the MOSFET COSS. A
capacitor that is too small will have high impedance and
prevent the resistor from damping the ringing. A
capacitor that is too large causes unnecessary power
dissipation in the resistor, which lowers efficiency.
The snubber components should be placed as close as
possible to the low-side MOSFET and/or external
schottky diode since in contributes to most of the stray
capacitance. Placing the snubber too far from the FET or
using etch that is too long or thin will add inductance to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com