Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 15Page - Micrel Semiconductor MIC2155 Datasheet HTML 16Page - Micrel Semiconductor MIC2155 Datasheet HTML 17Page - Micrel Semiconductor MIC2155 Datasheet HTML 18Page - Micrel Semiconductor MIC2155 Datasheet HTML 19Page - Micrel Semiconductor MIC2155 Datasheet HTML 20Page - Micrel Semiconductor MIC2155 Datasheet HTML 21Page - Micrel Semiconductor MIC2155 Datasheet HTML 22Page - Micrel Semiconductor MIC2155 Datasheet HTML 23Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
19
M9999-052709-A
(408) 944-0800
RL = 0.01Ω (-40dB), C1=0.1µF and R1=1.5k. The time
constants are equal and diverge at the same rate. The
overall impedance, H(s), equals RL for all frequencies.
50
40
30
20
10
0
-10
-20
-30
-40
-50
FREQUENCY (Hz)
L/R
H(s)
10
100
1k
10k
100k
1M
RC
Figure 17. Current Sense Gain/Phase Plot
Current Sharing
The schematic in Figure 18 illustrates the current sharing
scheme. The error amplifier in Channel 1, E/A 1,
monitors the output voltage and adjusts the duty cycle of
Channel 1 to regulate that voltage. The inputs of
transconductance error amplifier, E/A 2, are connected
to the current sense points of each channel. The error
amplifier regulates Channel 2 current by monitoring the
current sense point of Channel 1 and forcing the current
sense point of Channel 2 to be equal.
Any offset or difference in current between the two
channels is caused by tolerances in the inductance,
DCR, and tolerances of R1, C1, R2 and C2. Additionally,
voltage offset in E/A 2 may cause variations in output
current sharing. At lower currents, these variations may
force the current of Channel 2 to be 0.
A nominal 10mV offset inhibits the Channel 2 low-side
MOSFET until the output current increases to the
magnitude where the voltage across C1 is 10mV. This
prevents the low-side MOSFET of Channel 2 from
sinking current to ground during startup or during low
current operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com