Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 12Page - Micrel Semiconductor MIC2155 Datasheet HTML 13Page - Micrel Semiconductor MIC2155 Datasheet HTML 14Page - Micrel Semiconductor MIC2155 Datasheet HTML 15Page - Micrel Semiconductor MIC2155 Datasheet HTML 16Page - Micrel Semiconductor MIC2155 Datasheet HTML 17Page - Micrel Semiconductor MIC2155 Datasheet HTML 18Page - Micrel Semiconductor MIC2155 Datasheet HTML 19Page - Micrel Semiconductor MIC2155 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
16
M9999-052709-A
(408) 944-0800
VDS
Figure 10. dv/dt Induced Turn-On
The following steps can be taken to lower the gate drive
impedance, minimize the dv/dt induced current and
lower the FETs susceptibility to the induced glitch:
1) Chose a MOSFET with:
a) a high CGS/CGD ratio
b) a low internal gate resistance
2) Do not put a resistor between the LSD output
and the gate.
3) Insure both the gate drive and return etch are
short, low inductance connections.
4) Use a 4.5V VGS rated MOSFET because its
higher gate threshold voltage is more immune to
glitches than a 2.5V or 3.3V rated FET.
5) Connect VDD to VIN or a 5V supply if VIN is below
6V. The RDSON of the internal driver will be lower
and a 4.5V rated MOSFET can be used.
Remote Sense
Remote sensing provides accurate output voltage
regulation by sensing at the load. Remote sensing
makes up for losses in the power distribution path. It
uses a unity gain differential amplifier to overcome
voltage drops in both the output and return (ground)
paths. The amplifier has common mode input range from
-0.3V to 3.6V. For proper remote sense operation, VIN
must be greater than 6V. If VIN is less than 6V, the VDD
pin must be connected to VIN or externally supplied with
5V.
The output of the remote sense amplifier can source up
to 500µA. The voltage divider resistors (R1 and R4 in
Figure 12) must be chosen to insure the output current
of the amplifier does not exceed the maximum of 500µA.
A
500
V
V
1
R
REF
OUT
MAX
μ
−
≥
where VREF = 0.7V
A gain/phase plot of the remote sense amplifier in Figure
11 shows a typical 2MHz bandwidth. Phase lag is 45° at
1MHz.
FREQUENCY (Hz)
60
50
40
30
20
10
0
-10
-20
-30
-40
200
160
120
80
40
0
-40
-80
-120
-160
-200
1k
10k
100k
1M
10M
Phase
Magnitude
Figure 11. Remote Sense Amplifier Gain/Phase Plot
A typical remote sense configuration is shown in Figure
12. The output of the remote sense amplifier feeds a
voltage divider (R1, R4), which is connected to the
Channel 1 error amplifier. The divider and compensation
network for the remote sense are the same as for a local
sense configuration. The 10Ω resistors provide an
alternate feedback path if the remote sense connections
are removed or opened. The remote sense connections
should not be shorted or the output voltage will increase
close to VIN. The OVP circuit in the controller will not
protect against this type of fault since the feedback pin
voltage will be 0V.
LOAD
+SENSE
–SENSE
Figure 12. Remote Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com